công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 468 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 464Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 465Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 466Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 467Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 468Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 469Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 470Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 471Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
468
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
— Illegal address reset
— COP reset
— Loss of clock reset
— External pin reset
•
Real-Time Interrupt (RTI)
11.1.2
Modes of Operation
This subsection lists and briefly describes all operating modes supported by the S12XECRG.
•
Run Mode
All functional parts of the S12XECRG are running during normal Run Mode. If RTI or COP
functionality is required the individual bits of the associated rate select registers (COPCTL,
RTICTL) have to be set to a non zero value.
•
Wait Mode
In this mode the IPLL can be disabled automatically depending on the PLLWAI bit.
•
Stop Mode
Depending on the setting of the PSTP bit Stop Mode can be differentiated between Full Stop Mode
(PSTP = 0) and Pseudo Stop Mode (PSTP = 1).
— Full Stop Mode
The oscillator is disabled and thus all system and core clocks are stopped. The COP and the
RTI remain frozen.
— Pseudo Stop Mode
The oscillator continues to run and most of the system and core clocks are stopped. If the
respective enable bits are set the COP and RTI will continue to run, else they remain frozen.
•
Self Clock Mode
Self Clock Mode will be entered if the Clock Monitor Enable Bit (CME) and the Self Clock Mode
Enable Bit (SCME) are both asserted and the clock monitor in the oscillator block detects a loss of
clock. As soon as Self Clock Mode is entered the S12XECRG starts to perform a clock quality
check. Self Clock Mode remains active until the clock quality check indicates that the required
quality of the incoming clock signal is met (frequency and amplitude). Self Clock Mode should be
used for safety purposes only. It provides reduced functionality to the MCU in case a loss of clock
is causing severe system conditions.
11.1.3
Block Diagram
Figure 11-1 shows a block diagram of the S12XECRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com