công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 478 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 478 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 474Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 475Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 476Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 477Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 478Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 479Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 480Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
478
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.3.2.8
S12XECRG RTI Control Register (RTICTL)
This register selects the timeout period for the Real Time Interrupt.
Read: Anytime
Write: Anytime
NOTE
A write to this register initializes the RTI counter.
Table 11-8. FM Amplitude selection
FM1
FM0
FM Amplitude /
fVCO Variation
0
0
FM off
01
±1%
10
±2%
11
±4%
Module Base + 0x0007
76543210
R
RTDEC
RTR6
RTR5
RTR4
RTR3
RTR2
RTR1
RTR0
W
Reset
0
0
0
00000
Figure 11-10. S12XECRG RTI Control Register (RTICTL)
Table 11-9. RTICTL Field Descriptions
Field
Description
7
RTDEC
Decimal or Binary Divider Select Bit — RTDEC selects decimal or binary based prescaler values.
0 Binary based divider value. See Table 11-10
1 Decimal based divider value. See Table 11-11
6–4
RTR[6:4]
Real Time Interrupt Prescale Rate Select Bits — These bits select the prescale rate for the RTI. See Table 11-
10 and Table 11-11.
3–0
RTR[3:0]
Real Time Interrupt Modulus Counter Select Bits — These bits select the modulus counter target value to
provide additional granularity.Table 11-10 and Table 11-11 show all possible divide values selectable by the
RTICTL register. The source clock for the RTI is OSCCLK.
Table 11-10. RTI Frequency Divide Rates for RTDEC = 0
RTR[3:0]
RTR[6:4] =
000
(OFF)
001
(210)
010
(211)
011
(212)
100
(213)
101
(214)
110
(215)
111
(216)
0000 (
÷1)
OFF(1)
210
211
212
213
214
215
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com