công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 487 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 485Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 486Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
487
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.4.1.3
Clock Monitor (CM)
If no OSCCLK edges are detected within a certain time, the clock monitor within the oscillator block
generates a clock monitor fail event. The S12XECRG then asserts self clock mode or generates a system
reset depending on the state of SCME bit. If the clock monitor is disabled or the presence of clocks is
detected no failure is indicated by the oscillator block.The clock monitor function is enabled/disabled by
the CME control bit.
11.4.1.4
Clock Quality Checker
The clock monitor performs a coarse check on the incoming clock signal. The clock quality checker
provides a more accurate check in addition to the clock monitor.
A clock quality check is triggered by any of the following events:
•
Power on reset (POR)
•
Low voltage reset (LVR)
•
Wake-up from Full Stop Mode (exit full stop)
•
Clock Monitor fail indication (CM fail)
A time window of 50000 PLLCLK cycles1 is called
check window.
A number greater equal than 4096 rising OSCCLK edges within a check window is called osc ok. Note that
osc ok immediately terminates the current check window. See Figure 11-17 as an example.
Figure 11-17. Check Window Example
1. IPLL is running at self clock mode frequency fSCM.
12
49999
50000
PLLCLK
CHECK WINDOW
12345
4095
4096
3
OSCCLK
OSC OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com