công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 491 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 491 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 490Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 491Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 492Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 493Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 494Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 495Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
491
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.4.3.3
Stop Mode
All clocks are stopped in STOP mode, dependent of the setting of the PCE, PRE and PSTP bit. The
oscillator is disabled in STOP mode unless the PSTP bit is set. If the PRE or PCE bits are set, the RTI or
COP continues to run in Pseudo Stop Mode. In addition to disabling system and core clocks the
S12XECRG requests other functional units of the MCU (e.g. voltage-regulator) to enter their individual
power saving modes (if available).
If the PLLSEL bit is still set when entering Stop Mode, the S12XECRG will switch the system and core
clocks to OSCCLK by clearing the PLLSEL bit. Then the S12XECRG disables the IPLL, disables the core
clock and finally disables the remaining system clocks.
If Pseudo Stop Mode is entered from Self-Clock Mode the S12XECRG will continue to check the clock
quality until clock check is successful. In this case the IPLL and the voltage regulator (VREG) will remain
enabled. If Full Stop Mode (PSTP = 0) is entered from Self-Clock Mode the ongoing clock quality check
will be stopped. A complete timeout window check will be started when Stop Mode is left again.
There are two ways to restart the MCU from Stop Mode:
1. Any reset
2. Any interrupt
If the MCU is woken-up from Full Stop Mode by an interrupt and the fast wake-up feature is enabled
(FSTWKP=1 and SCME=1), the system will immediately (no clock quality check) resume operation in
Self-Clock Mode (see Section 11.4.1.4, “Clock Quality Checker”). The SCMIF flag will not be set for this
special case. The system will remain in Self-Clock Mode with oscillator disabled until FSTWKP bit is
cleared. The clearing of FSTWKP will start the oscillator and the clock quality check. If the clock quality
check is successful, the S12XECRG will switch all system clocks to oscillator clock. The SCMIF flag will
be set. See application examples in Figure 11-19 and Figure 11-20.
Because the IPLL has been powered-down during Stop Mode the PLLSEL bit is cleared and the MCU runs
on OSCCLK after leaving Stop-Mode. The software must manually set the PLLSEL bit again, in order to
switch system and core clocks to the PLLCLK.
NOTE
In Full Stop Mode or Self-Clock Mode caused by the fast wake-up feature
the clock monitor and the oscillator are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com