công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 485 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 481Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 482Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 483Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 484Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 485Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 486Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 487Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 488Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1324 page
background image
Chapter 11 S12XE Clocks and Reset Generator (S12XECRGV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
485
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
11.4.1.1.1
IPLL Operation
The oscillator output clock signal (OSCCLK) is fed through the reference programmable divider and is
divided in a range of 1 to 64 (REFDIV+1) to output the REFCLK. The VCO output clock, (VCOCLK) is
fed back through the programmable loop divider and is divided in a range of 2 to 128 in increments of [2
x (SYNDIV +1)] to output the FBCLK. The VCOCLK is fed to the final programmable divider and is
divided in a range of 1,2,4,6,8,... to 62 (2*POSTDIV) to output the PLLCLK. See Figure 11-15.
The phase detector then compares the FBCLK, with the REFCLK. Correction pulses are generated based
on the phase difference between the two signals. The loop filter then slightly alters the DC voltage on the
internal filter capacitor, based on the width and direction of the correction pulse.
The user must select the range of the REFCLK frequency and the range of the VCOCLK frequency to
ensure that the correct IPLL loop bandwidth is set.
The lock detector compares the frequencies of the FBCLK, and the REFCLK. Therefore, the speed of the
lock detector is directly proportional to the reference clock frequency. The circuit determines the lock
condition based on this comparison.
If IPLL LOCK interrupt requests are enabled, the software can wait for an interrupt request and then check
the LOCK bit. If interrupt requests are disabled, software can poll the LOCK bit continuously (during
IPLL start-up, usually) or at periodic intervals. In either case, only when the LOCK bit is set, the PLLCLK
can be selected as the source for the system and core clocks. If the IPLL is selected as the source for the
system and core clocks and the LOCK bit is clear, the IPLL has suffered a severe noise hit and the software
must take appropriate action, depending on the application.
•
The LOCK bit is a read-only indicator of the locked state of the IPLL.
•
The LOCK bit is set when the VCO frequency is within a certain tolerance,
∆Lock, and is cleared
when the VCO frequency is out of a certain tolerance,
∆unl.
•
Interrupt requests can occur if enabled (LOCKIE = 1) when the lock condition changes, toggling
the LOCK bit.
Table 11-14. Examples of IPLL Divider Settings
fOSC
REFDIV[5:0]
fREF
REFFRQ[1:0] SYNDIV[5:0]
fVCO
VCOFRQ[1:0] POSTDIV[4:0]
fPLL
fBUS
4MHz
$01
2MHz
01
$18
100MHz
11
$00
100MHz 50 MHz
8MHz
$03
2MHz
01
$18
100MHz
11
$00
100MHz 50 MHz
4MHz
$00
4MHz
01
$09
80MHz
01
$00
80MHz
40MHz
8MHz
$00
8MHz
10
$04
80MHz
01
$00
80MHz
40MHz
4MHz
$00
4MHz
01
$03
32MHz
00
$01
16MHz
8MHz
4MHz
$01
2MHz
01
$18
100MHz
11
$01
50MHz
25MHz
4MHz
$03
1MHz
00
$18
50MHz
01
$00
50MHz
25MHz
4MHz
$03
1MHz
00
$31
100MHz
11
$01
50MHz
25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com