công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 334 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual , Rev. 1.21
334
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
8.4.5.2.2
Loop1 Mode
Loop1 Mode, similarly to Normal Mode also stores only COF address information to the trace buffer, it
however allows the filtering out of redundant information.
The intent of Loop1 Mode is to prevent the Trace Buffer from being filled entirely with duplicate
information from a looping construct such as delays using the DBNE instruction or polling loops using
BRSET/BRCLR instructions. Immediately after address information is placed in the Trace Buffer, the
S12XDBG module writes this value into a background register. This prevents consecutive duplicate
address entries in the Trace Buffer resulting from repeated branches.
Loop1 Mode only inhibits consecutive duplicate source address entries that would typically be stored in
most tight looping constructs. It does not inhibit repeated entries of destination addresses or vector
addresses, since repeated entries of these would most likely indicate a bug in the user’s code that the
S12XDBG module is designed to help find.
8.4.5.2.3
Detail Mode
In Detail Mode, address and data for all memory and register accesses is stored in the trace buffer. In the
case of XGATE tracing this means that initialization of the R1 register during a vector fetch is not traced.
This mode also features information byte entries to the trace buffer, for each address byte entry. The
information byte indicates the size of access (word or byte) and the type of access (read or write).
When tracing CPU12X activity in Detail Mode, all cycles are traced except those when the CPU12X is
either in a free or opcode fetch cycle. In this mode the XGATE program counter is also traced to provide
a snapshot of the XGATE activity. CXINF information byte bits indicate the type of XGATE activity
occurring at the time of the trace buffer entry. When tracing CPU12X activity alone in Detail Mode, the
address range can be limited to a range specified by the TRANGE bits in DBGTCR. This function uses
comparators C and D to define an address range inside which CPU12X activity should be traced (see
Table 8-43). Thus the traced CPU12X activity can be restricted to particular register range accesses.
When tracing XGATE activity in Detail Mode, all load and store cycles are traced. Additionally the
CPU12X program counter is stored at the time of the XGATE trace buffer entry to provide a snapshot of
CPU12X activity.
8.4.5.2.4
Pure PC Mode
In Pure PC Mode, tracing from the CPU the PC addresses of all executed opcodes, including illegal
opcodes, are stored. In Pure PC Mode, tracing from the XGATE the PC addresses of all executed opcodes
are stored.
8.4.5.3
Trace Buffer Organization
Referring to Table 8-43. An X prefix denotes information from the XGATE module, a C prefix denotes
information from the CPU12X. ADRH, ADRM, ADRL denote address high, middle and low byte
respectively. INF bytes contain control information (R/W, S/D etc.). The numerical suffix indicates which
tracing step. The information format for Loop1 Mode and PurePC Mode is the same as that of Normal
Mode. Whilst tracing from XGATE or CPU12X only, in Normal or Loop1 modes each array line contains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com