công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 335 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 338Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
335
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
2 data entries, thus in this case the DBGCNT[0] is incremented after each separate entry. In Detail mode
DBGCNT[0] remains cleared whilst the other DBGCNT bits are incremented on each trace buffer entry.
XGATE and CPU12X COFs occur independently of each other and the profile of COFs for the two sources
is totally different. When both sources are being traced in Normal or Loop1 mode, for each COF from one
source, there may be many COFs from the other source, depending on user code. COF events could occur
far from each other in the time domain, on consecutive cycles or simultaneously. When a COF occurs in
either source (S12X or XGATE) a trace buffer entry is made and the corresponding CDV or XDV bit is
set. The current PC of the other source is simultaneously stored to the trace buffer even if no COF has
occurred, in which case CDV/XDV remains cleared indicating the address is not associated with a COF,
but is simply a snapshot of the PC contents at the time of the COF from the other source.
Single byte data accesses in Detail Mode are always stored to the low byte of the trace buffer (CDATAL
or XDATAL) and the high byte is cleared. When tracing word accesses, the byte at the lower address is
always stored to trace buffer byte3 and the byte at the higher address is stored to byte2
Table 8-43. Trace Buffer Organization
Mode
8-Byte Wide Word Buffer
76543210
XGATE
Detail
CXINF1
CADRH1
CADRM1
CADRL1
XDATAH1
XDATAL1
XADRM1
XADRL1
CXINF2
CADRH2
CADRM2
CADRL2
XDATAH2
XDATAL2
XADRM2
XADRL2
CPU12X
Detail
CXINF1
CADRH1
CADRM1
CADRL1
CDATAH1
CDATAL1
XADRM1
XADRL1
CXINF2
CADRH2
CADRM2
CADRL2
CDATAH2
CDATAL2
XADRM2
XADRL2
Both
Other Modes
XINF0
XPCM0
XPCL0
CINF0
CPCH0
CPCM0
CPCL0
XINF1
XPCM1
XPCL1
CINF1
CPCH1
CPCM1
CPCL1
XGATE
Other Modes
XINF1
XPCM1
XPCL1
XINF0
XPCM0
XPCL0
XINF3
XPCM3
XPCL3
XINF2
XPCM2
XPCL2
CPU12X
Other Modes
CINF1
CPCH1
CPCM1
CPCL1
CINF0
CPCH0
CPCM0
CPCL0
CINF3
CPCH3
CPCM3
CPCL3
CINF2
CPCH2
CPCM2
CPCL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com