công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 338 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 338 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 338Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 339Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 340Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 341Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 342Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual , Rev. 1.21
338
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
8.4.5.4
Reading Data from Trace Buffer
The data stored in the Trace Buffer can be read using either the background debug module (BDM) module,
the XGATE or the CPU12X provided the S12XDBG module is not armed, is configured for tracing and
the system not secured. When the ARM bit is written to 1 the trace buffer is locked to prevent reading. The
trace buffer can only be unlocked for reading by an aligned word write to DBGTB when the module is
disarmed.
The Trace Buffer can only be read through the DBGTB register using aligned word reads, any byte or
misaligned reads return 0 and do not cause the trace buffer pointer to increment to the next trace buffer
address. The Trace Buffer data is read out first-in first-out. By reading CNT in DBGCNT the number of
valid 64-bit lines can be determined. DBGCNT will not decrement as data is read.
Whilst reading an internal pointer is used to determine the next line to be read. After a tracing session, the
pointer points to the oldest data entry, thus if no overflow has occurred, the pointer points to line0,
otherwise it points to the line with the oldest entry. The pointer is initialized by each aligned write to
DBGTBH to point to the oldest data again. This enables an interrupted trace buffer read sequence to be
easily restarted from the oldest data entry.
6
CSZ
Access Type Indicator — This bit indicates if the access was a byte or word size access.This bit only contains
valid information when tracing CPU12X activity in Detail Mode.
0 Word Access
1 Byte Access
5
CRW
Read Write Indicator — This bit indicates if the corresponding stored address corresponds to a read or write
access. This bit only contains valid information when tracing CPU12X activity in Detail Mode.
0 Write Access
1 Read Access
4
COCF
CPU12X Opcode Fetch Indicator — This bit indicates if the stored address corresponds to an opcode fetch
cycle. This bit only contains valid information when tracing the XGATE accesses in Detail Mode.
0 Stored information does not correspond to opcode fetch cycle
1 Stored information corresponds to opcode fetch cycle
3
XACK
XGATE Access Indicator — This bit indicates if the stored XGATE address corresponds to a free cycle. This bit
only contains valid information when tracing the CPU12X accesses in Detail Mode.
0 Stored information corresponds to free cycle
1 Stored information does not correspond to free cycle
2
XSZ
Access Type Indicator — This bit indicates if the access was a byte or word size access. This bit only contains
valid information when tracing XGATE activity in Detail Mode.
0 Word Access
1 Byte Access
1
XRW
Read Write Indicator — This bit indicates if the corresponding stored address corresponds to a read or write
access. This bit only contains valid information when tracing XGATE activity in Detail Mode.
0 Write Access
1 Read Access
0
XOCF
XGATE Opcode Fetch Indicator — This bit indicates if the stored address corresponds to an opcode fetch
cycle.This bit only contains valid information when tracing the CPU12X accesses in Detail Mode.
0 Stored information does not correspond to opcode fetch cycle
1 Stored information corresponds to opcode fetch cycle
Table 8-46. CXINF Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com