công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 337 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 337 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 338Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 339Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 340Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 341Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
337
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
CPU12X Information Byte
CXINF Information Byte
This describes the format of the information byte used only when tracing in Detail Mode. When tracing
from the CPU12X in Detail Mode, information is stored to the trace buffer on all cycles except opcode
fetch and free cycles. The XGATE entry stored on the same line is a snapshot of the XGATE program
counter. In this case the CSZ and CRW bits indicate the type of access being made by the CPU12X, whilst
the XACK and XOCF bits indicate if the simultaneous XGATE cycle is a free cycle (no bus acknowledge)
or opcode fetch cycle. Similarly when tracing from the XGATE in Detail Mode, information is stored to
the trace buffer on all cycles except opcode fetch and free cycles. The CPU12X entry stored on the same
line is a snapshot of the CPU12X program counter. In this case the XSZ and XRW bits indicate the type
of access being made by the XGATE, whilst the CFREE and COCF bits indicate if the simultaneous
CPU12X cycle is a free cycle or opcode fetch cycle.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSD
CVA
0
CDV
0
0
0
0
Figure 8-25. CPU12X Information Byte CINF
Table 8-45. CINF Field Descriptions
Field
Description
7
CSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or destination
address. This is only used in Normal and Loop1 mode tracing.
0 Source address
1 Destination address
6
CVA
Vector Indicator — This bit indicates if the corresponding stored address is a vector address.. Vector addresses
are destination addresses, thus if CVA is set, then the corresponding CSD is also set. This is only used in Normal
and Loop1 mode tracing. This bit has no meaning in Pure PC mode.
0 Indexed jump destination address
1 Vector destination address
4
CDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in Normal, Loop1 and Pure PC modes, to indicate that the CPU12X trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CFREE
CSZ
CRW
COCF
XACK
XSZ
XRW
XOCF
Figure 8-26. Information Byte CXINF
Table 8-46. CXINF Field Descriptions
Field
Description
7
CFREE
CPU12X Free Cycle Indicator — This bit indicates if the stored CPU12X address corresponds to a free cycle.
This bit only contains valid information when tracing the XGATE accesses in Detail Mode.
0 Stored information corresponds to free cycle
1 Stored information does not correspond to free cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com