công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 333 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 329Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 335Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 336Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
333
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
Destination address of RTI, RTS, and RTC instructions.
•
Vector address of interrupts, except for SWI and BDM vectors
LBRA, BRA, BSR, BGND as well as non-indexed JMP, JSR, and CALL instructions are not classified as
change of flow and are not stored in the trace buffer.
COF addresses are defined as follows for the XGATE:
•
Source address of taken conditional branches
•
Destination address of indexed JAL instructions.
•
First XGATE code address in a thread
Change-of-flow addresses stored include the full 23-bit address bus of CPU12X, the 16-bit address bus for
the XGATE module and an information byte, which contains a source/destination bit to indicate whether
the stored address was a source address or destination address.
NOTE
When an CPU12X COF instruction with destination address is executed, the
destination address is stored to the trace buffer on instruction completion,
indicating the COF has taken place. If an interrupt occurs simultaneously
then the next instruction carried out is actually from the interrupt service
routine. The instruction at the destination address of the original program
flow gets exectuted after the interrupt service routine.
In the following example an IRQ interrupt occurs during execution of the
indexed JMP at address MARK1. The BRN at the destination (SUB_1) is
not executed until after the IRQ service routine but the destination address
is entered into the trace buffer to indicate that the indexed JMP COF has
taken place.
LDX
#SUB_1
MARK1
JMP
0,X
; IRQ interrupt occurs during execution of this
MARK2
NOP
;
SUB_1
BRN
*
; JMP Destination address TRACE BUFFER ENTRY 1
; RTI Destination address TRACE BUFFER ENTRY 3
NOP
;
ADDR1
DBNE
A,PART5
; Source address TRACE BUFFER ENTRY 4
IRQ_ISR
LDAB
#$F0
; IRQ Vector $FFF2 = TRACE BUFFER ENTRY 2
STAB
VAR_C1
RTI
;
The execution flow taking into account the IRQ is as follows
LDX
#SUB_1
MARK1
JMP
0,X
;
IRQ_ISR
LDAB
#$F0
;
STAB
VAR_C1
RTI
;
SUB_1
BRN
*
NOP
;
ADDR1
DBNE
A,PART5
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com