công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 330 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 330 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 326Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 327Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 328Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 329Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 334Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual , Rev. 1.21
330
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
this triggers the state sequencer into the Final State, if configured for end alignment, setting the TRIG bit
disarms the module, ending the session. If breakpoints are enabled, a forced breakpoint request is issued
immediately (end alignment) or when tracing has completed (begin or mid alignment).
8.4.3.6
Trigger Priorities
In case of simultaneous triggers, the priority is resolved according to Table 8-42. The lower priority trigger
is suppressed. It is thus possible to miss a lower priority trigger if it occurs simultaneously with a trigger
of a higher priority. The trigger priorities described in Table 8-42 dictate that in the case of simultaneous
matches, the match on the lower channel number (0,1,2,3) has priority. The SC[3:0] encoding ensures that
a match leading to final state has priority over all other matches in each state sequencer state. When
configured for range modes a simultaneous match of comparators A and C generates an active match0
whilst match2 is suppressed.
If a write access to DBGC1 with the ARM bit position set occurs simultaneously to a hardware disarm
from an internal trigger event, then the ARM bit is cleared due to the hardware disarm.
8.4.4
State Sequence Control
Figure 8-22. State Sequencer Diagram
The state sequencer allows a defined sequence of events to provide a trigger point for tracing of data in the
trace buffer. Once the S12XDBG module has been armed by setting the ARM bit in the DBGC1 register,
Table 8-42. Trigger Priorities
Priority
Source
Action
Highest
XGATE BKP
Immediate forced breakpoint......(Tracing terminated immediately).
TRIG
Trigger immediately to final state (begin or mid aligned tracing enabled)
Trigger immediately to state 0 (end aligned or no tracing enabled)
External TAGHI/TAGLO
Enter State0
Match0 (force or tag hit)
Trigger to next state as defined by state control registers
Match1 (force or tag hit)
Trigger to next state as defined by state control registers
Match2 (force or tag hit)
Trigger to next state as defined by state control registers
Lowest
Match3 (force or tag hit)
Trigger to next state as defined by state control registers
State1
Final State
State3
ARM = 1
Session Complete
(Disarm)
State2
State 0
(Disarmed)
ARM = 0
ARM = 0
ARM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com