công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 329 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 325Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 326Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 327Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 328Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 329Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 330Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 331Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 332Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1324 page
background image
Chapter 8 S12X Debug (S12XDBGV3) Module
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
329
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
When comparing the XGATE address bus in outside range mode, the initial vector fetch as determined by
the vector contained in the XGATE XGVBR register should be taken into consideration. The XGVBR
register and hence vector address can be modified.
8.4.3
Trigger Modes
Trigger modes are used as qualifiers for a state sequencer change of state. The control logic determines the
trigger mode and provides a trigger to the state sequencer. The individual trigger modes are described in
the following sections.
8.4.3.1
Forced Trigger On Comparator Match
If a forced trigger comparator match occurs, the trigger immediately initiates a transition to the next state
sequencer state whereby the corresponding flags in DBGSR are set. The state control register for the
current state determines the next state for each trigger. Forced triggers are generated as soon as the
matching address appears on the address bus, which in the case of opcode fetches occurs several cycles
before the opcode execution. For this reason a forced trigger at an opcode address precedes a tagged trigger
at the same address by several cycles.
8.4.3.2
Trigger On Comparator Related Taghit
If a CPU12X or XGATE taghit occurs, a transition to another state sequencer state is initiated and the
corresponding DBGSR flags are set. For a comparator related taghit to occur, the S12XDBG must first
generate tags based on comparator matches. When the tagged instruction reaches the execution stage of
the instruction queue a taghit is generated by the CPU12X/XGATE. The state control register for the
current state determines the next state for each trigger.
8.4.3.3
External Tagging Trigger
The TAGLO and TAGHI pins (mapped to device pins) can be used to tag an instruction. This function can
be used as another breakpoint source. When the tagged opcode reaches the execution stage of the
instruction queue a transition to the disarmed state0 occurs, ending the debug session and generating a
breakpoint, if breakpoints are enabled. External tagging is only possible in device emulation modes.
8.4.3.4
Trigger On XGATE S/W Breakpoint Request
The XGATE S/W breakpoint request issues a forced breakpoint request to the CPU12X immediately and
triggers the state sequencer into the disarmed state. Active tracing sessions are terminated immediately,
thus if tracing has not yet begun, no trace information is stored. XGATE generated breakpoints are
independent of the DBGBRK bits. The XGSBPE bit in DBGC1 determines if the XGATE S/W breakpoint
function is enabled. The BDM bit in DBGC1 determines if the XGATE requested breakpoint causes the
system to enter BDM Mode or initiate a software interrupt (SWI).
8.4.3.5
TRIG Immediate Trigger
Independent of comparator matches or external tag signals it is possible to initiate a tracing session and/or
breakpoint by writing the TRIG bit in DBGC1 to a logic “1”. If configured for begin or mid aligned tracing,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com