| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5502 bảng dữ liệu(PDF) 135 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5502 bảng dữ liệu(HTML) 135 Page - Texas Instruments |
|
135 / 189 page ![]() www.ti.com ECLKIN E7 E8 E9 E10 E10 E5 E6 E1 E2 E3 ECLKIN ECLKIN ECLKOUT1 E4 E4 E15 E16 ECLKIN ECLKOUT2 E13 E12 E11 E14 E14 TMS320VC5502 Fixed-Point Digital Signal Processor SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004 Figure 5-5. ECLKIN Timings for EMIF Figure 5-6. ECLKOUT1 Timings for EMIF Module Table 5-8. EMIF Switching Characteristics for ECLKOUT2 (1) (2) VC5502-200 VC5502-300 NO. PARAMETER UNIT MIN MAX E11 tc(EKO2) Cycle time, ECLKOUT2 NE – 1 NE + 1 ns E12 tw(EKO2H) Pulse duration, ECLKOUT2 high 0.5NE – 1 0.5NE + 1 ns E13 tw(EKO2L) Pulse duration, ECLKOUT2 low 0.5NE – 1 0.5NE + 1 ns E14 tt(EKO2) Transition time, ECLKOUT2 1 ns E15 td(EKIH-EKO2H) Delay time, ECLKIN high to ECLKOUT2 high 3 13 ns E16 td(EKIH-EKO2L) Delay time, ECLKIN high to ECLKOUT2 low 3 13 ns (1) The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN. (2) E = the EMIF input clock (CPU clock, CPU/2 clock, or CPU/4 clock) period in ns for EMIF. N = the EMIF input clock divider; N = 1, 2, or 4. Figure 5-7. ECLKOUT2 Timings for EMIF Module Specifications 135 |