công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 516 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 516 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 512Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 513Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 514Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 515Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 516Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 517Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 518Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 519Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 520Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
516
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Write: Anytime (No effect on (CC3, CC2, CC1, CC0))
13.3.2.8
ATD Compare Enable Register (ATDCMPE)
Writes to this register will abort current conversion sequence.
Read: Anytime
Write: Anytime
Table 13-17. ATDSTAT0 Field Descriptions
Field
Description
7
SCF
Sequence Complete Flag — This flag is set upon completion of a conversion sequence. If conversion
sequences are continuously performed (SCAN=1), the flag is set after each one is completed. This flag is cleared
when one of the following occurs:
A) Write “1” to SCF
B) Write to ATDCTL5 (a new conversion sequence is started)
C) If AFFC=1 and read of a result register
0 Conversion sequence not completed
1 Conversion sequence has completed
5
ETORF
External Trigger Overrun Flag — While in edge trigger mode (ETRIGLE=0), if additional active edges are
detected while a conversion sequence is in process the overrun flag is set. This flag is cleared when one of the
following occurs:
A) Write “1” to ETORF
B) Write to ATDCTL0,1,2,3,4, ATDCMPE or ATDCMPHT (a conversion sequence is aborted)
C) Write to ATDCTL5 (a new conversion sequence is started)
0 No External trigger over run error has occurred
1 External trigger over run error has occurred
4
FIFOR
Result Register Over Run Flag — This bit indicates that a result register has been written to before its
associated conversion complete flag (CCF) has been cleared. This flag is most useful when using the FIFO mode
because the flag potentially indicates that result registers are out of sync with the input channels. However, it is
also practical for non-FIFO modes, and indicates that a result register has been over written before it has been
read (i.e. the old data has been lost). This flag is cleared when one of the following occurs:
A) Write “1” to FIFOR
B) Write to ATDCTL0,1,2,3,4, ATDCMPE or ATDCMPHT (a conversion sequence is aborted)
C) Write to ATDCTL5 (a new conversion sequence is started)
0 No over run has occurred
1 Overrun condition exists (result register has been written while associated CCFx flag was still set)
3–0
CC[3:0]
Conversion Counter — These 4 read-only bits are the binary value of the conversion counter. The conversion
counter points to the result register that will receive the result of the current conversion. E.g. CC3=0, CC2=1,
CC1=1, CC0=0 indicates that the result of the current conversion will be in ATD Result Register 6. If in non-FIFO
mode (FIFO=0) the conversion counter is initialized to zero at the begin and end of the conversion sequence. If
in FIFO mode (FIFO=1) the register counter is not initialized. The conversion counters wraps around when its
maximum value is reached.
Aborting a conversion or starting a new conversion clears the conversion counter even if FIFO=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com