công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 519 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 519 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 515Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 516Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 517Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 518Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 519Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 520Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 521Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 522Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 523Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
519
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.3.2.10 ATD Input Enable Register (ATDDIEN)
Read: Anytime
Write: Anytime
13.3.2.11 ATD Compare Higher Than Register (ATDCMPHT)
Writes to this register will abort current conversion sequence.
Read: Anytime
Write: Anytime
Module Base + 0x000C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
IEN[15:0]
W
Reset
0
0
0
0
0
0
0
0
0
0000000
Figure 13-12. ATD Input Enable Register (ATDDIEN)
Table 13-20. ATDDIEN Field Descriptions
Field
Description
15–0
IEN[15:0]
ATD Digital Input Enable on channel x (x= 15, 14, 13, 12, 11, 10, 9, 8, 7, 6, 5, 4, 3, 2, 1, 0) — This bit controls
the digital input buffer from the analog input pin (ANx) to the digital data register.
0 Disable digital input buffer to ANx pin
1 Enable digital input buffer on ANx pin.
Note: Setting this bit will enable the corresponding digital input buffer continuously. If this bit is set while
simultaneously using it as an analog port, there is potentially increased power consumption because the
digital input buffer maybe in the linear region.
Module Base + 0x000E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
CMPHT[15:0]
W
Reset
0
0
0
0
0
0
0
0
0
0000000
Figure 13-13. ATD Compare Higher Than Register (ATDCMPHT)
Table 13-21. ATDCMPHT Field Descriptions
Field
Description
15–0
CMPHT[15:0]
Compare Operation Higher Than Enable for conversion number n (n= 15, 14, 13, 12, 11, 10, 9, 8, 7, 6, 5,
4, 3, 2, 1, 0) of a Sequence — This bit selects the operator for comparison of conversion results.
0 If result of conversion n is lower or same than compare value in ATDDRn, this is flagged in ATDSTAT2
1 If result of conversion n is higher than compare value in ATDDRn, this is flagged in ATDSTAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com