công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 523 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 523 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 519Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 520Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 521Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 522Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 523Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 524Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 525Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 526Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 527Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
523
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.4.2.2
General-Purpose Digital Port Operation
The input channel pins can be multiplexed between analog and digital data. As analog inputs, they are
multiplexed and sampled as analog channels to the A/D converter. The analog/digital multiplex operation
is performed in the input pads. The input pad is always connected to the analog input channels of the
ADC12B16C. The input pad signal is buffered to the digital port registers. This buffer can be turned on or
off with the ATDDIEN register. This is important so that the buffer does not draw excess current when
analog potentials are presented at its input.
13.5
Resets
At reset the ADC12B16C is in a power down state. The reset state of each individual bit is listed within
the Register Description section (see Section 13.3.2, “Register Descriptions”) which details the registers
and their bit-field.
13.6
Interrupts
The interrupts requested by the ADC12B16C are listed in Table 13-24. Refer to MCU specification for
related vector address and priority.
See Section 13.3.2, “Register Descriptions” for further details.
Table 13-24. ATD Interrupt Vectors
Interrupt Source
CCR
Mask
Local Enable
Sequence Complete Interrupt
I bit
ASCIE in ATDCTL2
Compare Interrupt
I bit
ACMPIE in ATDCTL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com