công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 520 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 520 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 516Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 517Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 518Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 519Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 520Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 521Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 522Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 523Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 524Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
520
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.3.2.12 ATD Conversion Result Registers (ATDDRn)
The A/D conversion results are stored in 16 result registers. Results are always in unsigned data
representation. Left and right justification is selected using the DJM control bit in ATDCTL3.
If automatic compare of conversions results is enabled (CMPE[n]=1 in ATDCMPE), these registers must
be written with the compare values in left or right justified format depending on the actual value of the
DJM bit. In this case, as the ATDDRn register is used to hold the compare value, the result will not be
stored there at the end of the conversion but is lost.
Read: Anytime
Write: Anytime
NOTE
For conversions not using automatic compare, results are stored in the result
registers after each conversion. In this case avoid writing to ATDDRn except
for initial values, because an A/D result might be overwritten.
13.3.2.12.1
Left Justified Result Data (DJM=0)
13.3.2.12.2
Right Justified Result Data (DJM=1)
Table 13-16 shows how depending on the A/D resolution the conversion result is transferred to the ATD
result registers. Compare is always done using all 12 bits of both the conversion result and the compare
value in ATDDRn.
Module Base +
0x0010 = ATDDR0, 0x0012 = ATDDR1, 0x0014 = ATDDR2, 0x0016 = ATDDR3
0x0018 = ATDDR4, 0x001A = ATDDR5, 0x001C = ATDDR6, 0x001E = ATDDR7
0x0020 = ATDDR8, 0x0022 = ATDDR9, 0x0024 = ATDDR10, 0x0026 = ATDDR11
0x0028 = ATDDR12, 0x002A = ATDDR13, 0x002C = ATDDR14, 0x002E = ATDDR15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
Bit 11 Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
000
W
Reset
0
0
0
0
0
0
0
0
0
0000000
Figure 13-14. Left justified ATD conversion result register (ATDDRn)
Module Base +
0x0010 = ATDDR0, 0x0012 = ATDDR1, 0x0014 = ATDDR2, 0x0016 = ATDDR3
0x0018 = ATDDR4, 0x001A = ATDDR5, 0x001C = ATDDR6, 0x001E = ATDDR7
0x0020 = ATDDR8, 0x0022 = ATDDR9, 0x0024 = ATDDR10, 0x0026 = ATDDR11
0x0028 = ATDDR12, 0x002A = ATDDR13, 0x002C = ATDDR14, 0x002E = ATDDR15
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
0
000
Bit 11 Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bi1 1
Bit 0
W
Reset
0
0
0
0
0
0
0
0
0
0000000
Figure 13-15. Right justified ATD conversion result register (ATDDRn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com