công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 514 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 514 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 510Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 511Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 512Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 513Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 514Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 515Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 516Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 517Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 518Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
514
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Table 13-15. ATDCTL5 Field Descriptions
Field
Description
6
SC
Special Channel Conversion Bit — If this bit is set, then special channel conversion can be selected using CD,
CC, CB and CA of ATDCTL5. Table 13-16 lists the coding.
0 Special channel conversions disabled
1 Special channel conversions enabled
5
SCAN
Continuous Conversion Sequence Mode — This bit selects whether conversion sequences are performed
continuously or only once. If external trigger is enabled (ETRIGE=1) setting this bit has no effect, that means
external trigger always starts a single conversion sequence.
0 Single conversion sequence
1 Continuous conversion sequences (scan mode)
4
MULT
Multi-Channel Sample Mode — When MULT is 0, the ATD sequence controller samples only from the specified
analog input channel for an entire conversion sequence. The analog channel is selected by channel selection
code (control bits CD/CC/CB/CA located in ATDCTL5). When MULT is 1, the ATD sequence controller samples
across channels. The number of channels sampled is determined by the sequence length value (S8C, S4C, S2C,
S1C). The first analog channel examined is determined by channel selection code (CD, CC, CB, CA control bits);
subsequent channels sampled in the sequence are determined by incrementing the channel selection code or
wrapping around to AN0 (channel 0).
0 Sample only one channel
1 Sample across several channels
3–0
CD, CC,
CB, CA
Analog Input Channel Select Code — These bits select the analog input channel(s) whose signals are
sampled and converted to digital codes. Table 13-16 lists the coding used to select the various analog input
channels.
In the case of single channel conversions (MULT=0), this selection code specifies the channel to be examined.
In the case of multiple channel conversions (MULT=1), this selection code specifies the first channel to be
examined in the conversion sequence. Subsequent channels are determined by incrementing the channel
selection code or wrapping around to AN0 (after converting the channel defined by the Wrap Around Channel
Select Bits WRAP3-0 in ATDCTL0). In case of starting with a channel number higher than the one defined by
WRAP3-0 the first wrap around will be AN15 to AN0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com