công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 513 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 513 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 509Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 510Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 511Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 512Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 513Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 514Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 515Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 516Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 517Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
513
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.3.2.6
ATD Control Register 5 (ATDCTL5)
Writes to this register will abort current conversion sequence and start a new conversion sequence. If
external trigger is enabled (ETRIGE=1) an initial write to ATDCTL5 is required to allow starting of a
conversion sequence which will then occur on each trigger event. Start of conversion means the beginning
of the sampling phase.
Read: Anytime
Write: Anytime
Table 13-13. ATDCTL4 Field Descriptions
Field
Description
7–5
SMP[2:0]
Sample Time Select — These three bits select the length of the sample time in units of ATD conversion clock
cycles. Note that the ATD conversion clock period is itself a function of the prescaler value (bits PRS4-0).
Table 13-14 lists the available sample time lengths.
4–0
PRS[4:0]
ATD Clock Prescaler — These 5 bits are the binary prescaler value PRS. The ATD conversion clock frequency
is calculated as follows:
Refer to Device Specification for allowed frequency range of fATDCLK.
Table 13-14. Sample Time Select
SMP2
SMP1
SMP0
Sample Time
in Number of
ATD Clock Cycles
000
4
001
6
010
8
011
10
100
12
101
16
110
20
111
24
Module Base + 0x0005
76543210
R0
SC
SCAN
MULT
CD
CC
CB
CA
W
Reset
0
0
0
00000
Figure 13-8. ATD Control Register 5 (ATDCTL5)
f
ATDCLK
f
BUS
2
PRS
1
+
()
×
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com