công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 511 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 511 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 507Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 508Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 509Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 510Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 511Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 512Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 513Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 514Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 515Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
511
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
6–3
S8C, S4C,
S2C, S1C
Conversion Sequence Length — These bits control the number of conversions per sequence. Table 13-11
shows all combinations. At reset, S4C is set to 1 (sequence length is 4). This is to maintain software continuity
to HC12 family.
2
FIFO
Result Register FIFO Mode — If this bit is zero (non-FIFO mode), the A/D conversion results map into the result
registers based on the conversion sequence; the result of the first conversion appears in the first result register
(ATDDR0), the second result in the second result register (ATDDR1), and so on.
If this bit is one (FIFO mode) the conversion counter is not reset at the beginning or ending of a conversion
sequence; sequential conversion results are placed in consecutive result registers. In a continuously scanning
conversion sequence, the result register counter will wrap around when it reaches the end of the result register
file. The conversion counter value (CC3-0 in ATDSTAT0) can be used to determine where in the result register
file, the current conversion result will be placed.
Aborting a conversion or starting a new conversion clears the conversion counter even if FIFO=1. So the first
result of a new conversion sequence, started by writing to ATDCTL5, will always be place in the first result register
(ATDDDR0). Intended usage of FIFO mode is continuos conversion (SCAN=1) or triggered conversion
(ETRIG=1).
Which result registers hold valid data can be tracked using the conversion complete flags. Fast flag clear mode
may or may not be useful in a particular application to track valid data.
If this bit is one, automatic compare of result registers is always disabled, that is ADC12B16C will behave as if
ACMPIE and all CPME[n] were zero.
0 Conversion results are placed in the corresponding result register up to the selected sequence length.
1 Conversion results are placed in consecutive result registers (wrap around at end).
1–0
FRZ[1:0]
Background Debug Freeze Enable — When debugging an application, it is useful in many cases to have the
ATD pause when a breakpoint (Freeze Mode) is encountered. These 2 bits determine how the ATD will respond
to a breakpoint as shown in Table 13-12. Leakage onto the storage node and comparator reference capacitors
may compromise the accuracy of an immediately frozen conversion depending on the length of the freeze period.
Table 13-10. Examples of ideal decimal ATD Results
Input Signal
VRL = 0 Volts
VRH = 5.12 Volts
8-Bit
Codes
(resolution=20mV)
10-Bit
Codes
(resolution=5mV)
12-Bit
Codes
(transfer curve has
1.25mV offset)
(resolution=1.25mV)
5.120 Volts
...
0.022
0.020
0.018
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.003
0.002
0.000
255
...
1
1
1
1
1
1
1
0
0
0
0
0
0
1023
...
4
4
4
3
3
2
2
2
1
1
0
0
0
4095
...
17
16
14
12
11
9
8
6
4
3
2
1
0
Field
Description
Table 13-9. ATDCTL3 Field Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com