công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 509 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 509 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 505Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 506Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 507Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 508Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 509Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 510Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 511Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 512Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 513Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1324 page
background image
Chapter 13 Analog-to-Digital Converter (ADC12B16CV1)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
509
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
13.3.2.3
ATD Control Register 2 (ATDCTL2)
Writes to this register will abort current conversion sequence.
Read: Anytime
Write: Anytime
Module Base + 0x0002
76543210
R0
AFFC
ICLKSTP
ETRIGLE
ETRIGP
ETRIGE
ASCIE
ACMPIE
W
Reset
0
0
0
00000
= Unimplemented or Reserved
Figure 13-5. ATD Control Register 2 (ATDCTL2)
Table 13-7. ATDCTL2 Field Descriptions
Field
Description
6
AFFC
ATD Fast Flag Clear All
0 ATD flag clearing done by write 1 to respective CCF[n] flag.
1 Changes all ATD conversion complete flags to a fast clear sequence.
For compare disabled (CMPE[n]=0) a read access to the result register will cause the associated CCF[n] flag
to clear automatically.
For compare enabled (CMPE[n]=1) a write access to the result register will cause the associated CCF[n] flag
to clear automatically.
5
ICLKSTP
Internal Clock in Stop Mode Bit — This bit enables A/D conversions in stop mode. When going into stop mode
and ICLKSTP=1 the ATD conversion clock is automatically switched to the internally generated clock ICLK.
Current conversion sequence will seamless continue. Conversion speed will change from prescaled bus
frequency to the ICLK frequency (see ATD Electrical Characteristics in device description). The prescaler bits
PRS4-0 in ATDCTL4 have no effect on the ICLK frequency. For conversions during stop mode the automatic
compare interrupt or the sequence complete interrupt can be used to inform software handler about changing
A/D values. External trigger will not work while converting in stop mode. For conversions during transition from
Run to Stop Mode or vice versa the result is not written to the results register, no CCF flag is set and no compare
is done. When converting in Stop Mode (ICLKSTP=1) an ATD Stop Recovery time tATDSTPRCV is required to
switch back to bus clock based ATDCLK when leaving Stop Mode. Do not access ATD registers during this time.
0 If A/D conversion sequence is ongoing when going into stop mode, the actual conversion sequence will be
aborted and automatically restarted when exiting stop mode.
1 A/D continues to convert in stop mode using internally generated clock (ICLK)
4
ETRIGLE
External Trigger Level/Edge Control — This bit controls the sensitivity of the external trigger signal. See
Table 13-8 for details.
3
ETRIGP
External Trigger Polarity — This bit controls the polarity of the external trigger signal. See Table 13-8 for details.
2
ETRIGE
External Trigger Mode Enable — This bit enables the external trigger on one of the AD channels or one of the
ETRIG3-0 inputs as described in Table 13-6. If external trigger source is one of the AD channels, the digital input
buffer of this channel is enabled. The external trigger allows to synchronize the start of conversion with external
events. External trigger will not work while converting in stop mode.
0 Disable external trigger
1 Enable external trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com