công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 283 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 279Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 280Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 281Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 282Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 283Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 284Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 285Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 286Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
283
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
2
CLKSW
Clock Switch — The CLKSW bit controls which clock the BDM operates with. It is only writable from a hardware
BDM command. A minimum delay of 150 cycles at the clock speed that is active during the data portion of the
command send to change the clock source should occur before the next command can be send. The delay
should be obtained no matter which bit is modified to effectively change the clock source (either PLLSEL bit or
CLKSW bit). This guarantees that the start of the next BDM command uses the new clock for timing subsequent
BDM communications.
Table 7-4 shows the resulting BDM clock source based on the CLKSW and the PLLSEL (PLL select in the CRG
module, the bit is part of the CLKSEL register) bits.
Note: The BDM alternate clock source can only be selected when CLKSW = 0 and PLLSEL = 1. The BDM serial
interface is now fully synchronized to the alternate clock source, when enabled. This eliminates frequency
restriction on the alternate clock which was required on previous versions. Refer to the device
specification to determine which clock connects to the alternate clock source input.
Note: If the acknowledge function is turned on, changing the CLKSW bit will cause the ACK to be at the new
rate for the write command which changes it.
Note: In emulation modes (if modes available), the CLKSW bit will be set out of RESET.
1
UNSEC
Unsecure — If the device is secured this bit is only writable in special single chip mode from the BDM secure
firmware. It is in a zero state as secure mode is entered so that the secure BDM firmware lookup table is enabled
and put into the memory map overlapping the standard BDM firmware lookup table.
The secure BDM firmware lookup table verifies that the non-volatile memories (e.g. on-chip EEPROM and/or
Flash EEPROM) are erased. This being the case, the UNSEC bit is set and the BDM program jumps to the start
of the standard BDM firmware lookup table and the secure BDM firmware lookup table is turned off. If the erase
test fails, the UNSEC bit will not be asserted.
0 System is in a secured mode.
1 System is in a unsecured mode.
Note: When UNSEC is set, security is off and the user can change the state of the secure bits in the on-chip
Flash EEPROM. Note that if the user does not change the state of the bits to “unsecured” mode, the
system will be secured again when it is next taken out of reset.After reset this bit has no meaning or effect
when the security byte in the Flash EEPROM is configured for unsecure mode.
Table 7-4. BDM Clock Sources
PLLSEL
CLKSW
BDMCLK
0
0
Bus clock dependent on oscillator
0
1
Bus clock dependent on oscillator
1
0
Alternate clock (refer to the device specification to determine the alternate clock source)
1
1
Bus clock dependent on the PLL
Table 7-3. BDMSTS Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com