công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 286 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 282Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 283Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 284Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 285Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 286Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 287Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 288Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 289Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
286
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
7.4.1
Security
If the user resets into special single chip mode with the system secured, a secured mode BDM firmware
lookup table is brought into the map overlapping a portion of the standard BDM firmware lookup table.
The secure BDM firmware verifies that the on-chip non-volatile memory (e.g. EEPROM and Flash
EEPROM) is erased. This being the case, the UNSEC and ENBDM bit will get set. The BDM program
jumps to the start of the standard BDM firmware and the secured mode BDM firmware is turned off and
all BDM commands are allowed. If the non-volatile memory does not verify as erased, the BDM firmware
sets the ENBDM bit, without asserting UNSEC, and the firmware enters a loop. This causes the BDM
hardware commands to become enabled, but does not enable the firmware commands. This allows the
BDM hardware to be used to erase the non-volatile memory.
BDM operation is not possible in any other mode than special single chip mode when the device is secured.
The device can be unsecured via BDM serial interface in special single chip mode only. For more
information regarding security, please see the S12X_9SEC Block Guide.
7.4.2
Enabling and Activating BDM
The system must be in active BDM to execute standard BDM firmware commands. BDM can be activated
only after being enabled. BDM is enabled by setting the ENBDM bit in the BDM status (BDMSTS)
register. The ENBDM bit is set by writing to the BDM status (BDMSTS) register, via the single-wire
interface, using a hardware command such as WRITE_BD_BYTE.
After being enabled, BDM is activated by one of the following1:
•
Hardware BACKGROUND command
•
CPU BGND instruction
•
External instruction tagging mechanism2
•
Breakpoint force or tag mechanism2
When BDM is activated, the CPU finishes executing the current instruction and then begins executing the
firmware in the standard BDM firmware lookup table. When BDM is activated by a breakpoint, the type
of breakpoint used determines if BDM becomes active before or after execution of the next instruction.
NOTE
If an attempt is made to activate BDM before being enabled, the CPU
resumes normal instruction execution after a brief delay. If BDM is not
enabled, any hardware BACKGROUND commands issued are ignored by
the BDM and the CPU is not delayed.
In active BDM, the BDM registers and standard BDM firmware lookup table are mapped to addresses
0x7FFF00 to 0x7FFFFF. BDM registers are mapped to addresses 0x7FFF00 to 0x7FFF0B. The BDM uses
these registers which are readable anytime by the BDM. However, these registers are not readable by user
programs.
1. BDM is enabled and active immediately out of special single-chip reset.
2. This method is provided by the S12X_DBG module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com