công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 287 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 283Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 284Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 285Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 286Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 287Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 288Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 289Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 290Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
287
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
7.4.3
BDM Hardware Commands
Hardware commands are used to read and write target system memory locations and to enter active
background debug mode. Target system memory includes all memory that is accessible by the CPU on the
SOC which can be on-chip RAM, non-volatile memory (e.g. EEPROM, Flash EEPROM), I/O and control
registers, and all external memory.
Hardware commands are executed with minimal or no CPU intervention and do not require the system to
be in active BDM for execution, although, they can still be executed in this mode. When executing a
hardware command, the BDM sub-block waits for a free bus cycle so that the background access does not
disturb the running application program. If a free cycle is not found within 128 clock cycles, the CPU is
momentarily frozen so that the BDM can steal a cycle. When the BDM finds a free cycle, the operation
does not intrude on normal CPU operation provided that it can be completed in a single cycle. However,
if an operation requires multiple cycles the CPU is frozen until the operation is complete, even though the
BDM found a free cycle.
The BDM hardware commands are listed in Table 7-6.
The READ_BD and WRITE_BD commands allow access to the BDM register locations. These locations
are not normally in the system memory map but share addresses with the application in memory. To
distinguish between physical memory locations that share the same address, BDM memory resources are
enabled just for the READ_BD and WRITE_BD access cycle. This allows the BDM to access BDM
locations unobtrusively, even if the addresses conflict with the application memory map.
Table 7-6. Hardware Commands
Command
Opcode
(hex)
Data
Description
BACKGROUND
90
None
Enter background mode if firmware is enabled. If enabled, an ACK will be
issued when the part enters active background mode.
ACK_ENABLE
D5
None
Enable Handshake. Issues an ACK pulse after the command is executed.
ACK_DISABLE
D6
None
Disable Handshake. This command does not issue an ACK pulse.
READ_BD_BYTE
E4
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
READ_BD_WORD
EC
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table in map.
Must be aligned access.
READ_BYTE
E0
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.
READ_WORD
E8
16-bit address
16-bit data out
Read from memory with standard BDM firmware lookup table out of map.
Must be aligned access.
WRITE_BD_BYTE
C4
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Odd address data on low byte; even address data on high byte.
WRITE_BD_WORD
CC
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table in map.
Must be aligned access.
WRITE_BYTE
C0
16-bit address
16-bit data in
Write to memory with standard BDM firmware lookup table out of map.
Odd address data on low byte; even address data on high byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com