công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 281 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 277Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 278Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 279Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 280Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 281Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 282Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 283Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 284Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
281
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
7.3.2.1
BDM Status Register (BDMSTS)
Figure 7-3. BDM Status Register (BDMSTS)
0x7FFF07
BDMCCRH R
0
0
0
0
0
CCR10
CCR9
CCR8
W
0x7FFF08
BDMGPR
R
BGAE
BGP6
BGP5
BGP4
BGP3
BGP2
BGP1
BGP0
W
0x7FFF09
Reserved
R
0
0
0
0
0
0
0
0
W
0x7FFF0A
Reserved
R
0
0
0
0
0
0
0
0
W
0x7FFF0B
Reserved
R
0
0
0
0
0
0
0
0
W
Register Global Address 0x7FFF01
7
6
54
3
2
1
0
R
ENBDM
BDMACT
0SDV
TRACE
CLKSW
UNSEC
0
W
Reset
Special Single-Chip Mode
0(1)
1. ENBDM is read as 1 by a debugging environment in special single chip mode when the device is not secured or secured but
fully erased (non-volatile memory). This is because the ENBDM bit is set by the standard firmware before a BDM command
can be fully transmitted and executed.
1
00
0
0
0(3)
3. UNSEC is read as 1 by a debugging environment in special single chip mode when the device is secured and fully erased,
else it is 0 and can only be read if not secure (see also bit description).
0
Emulation Modes
(if modes available)
1
0
00
0
1(2)
2. CLKSW is read as 1 by a debugging environment in emulation modes when the device is not secured and read as 0 when
secured if emulation modes available.
0
0
All Other Modes
0
0
00
0
0
0
0
= Unimplemented, Reserved
= Implemented (do not alter)
0
= Always read zero
Global
Address
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
= Unimplemented, Reserved
= Implemented (do not alter)
X
= Indeterminate
0
= Always read zero
Figure 7-2. BDM Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com