công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 278 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 278 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 274Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 275Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 276Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 277Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 278Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 279Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 280Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 281Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 282Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual , Rev. 1.21
278
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
Active out of reset in special single chip mode
•
Nine hardware commands using free cycles, if available, for minimal CPU intervention
•
Hardware commands not requiring active BDM
•
14 firmware commands execute from the standard BDM firmware lookup table
•
Software control of BDM operation during wait mode
•
Software selectable clocks
•
Global page access functionality
•
Enabled but not active out of reset in emulation modes (if modes available)
•
CLKSW bit set out of reset in emulation modes (if modes available).
•
When secured, hardware commands are allowed to access the register space in special single chip
mode, if the non-volatile memory erase test fail.
•
Family ID readable from firmware ROM at global address 0x7FFF0F (value for HCS12X devices
is 0xC1)
•
BDM hardware commands are operational until system stop mode is entered (all bus masters are
in stop mode)
7.1.2
Modes of Operation
BDM is available in all operating modes but must be enabled before firmware commands are executed.
Some systems may have a control bit that allows suspending thefunction during background debug mode.
7.1.2.1
Regular Run Modes
All of these operations refer to the part in run mode and not being secured. The BDM does not provide
controls to conserve power during run mode.
•
Normal modes
General operation of the BDM is available and operates the same in all normal modes.
•
Special single chip mode
In special single chip mode, background operation is enabled and active out of reset. This allows
programming a system with blank memory.
•
Emulation modes (if modes available)
In emulation mode, background operation is enabled but not active out of reset. This allows
debugging and programming a system in this mode more easily.
7.1.2.2
Secure Mode Operation
If the device is in secure mode, the operation of the BDM is reduced to a small subset of its regular run
mode operation. Secure operation prevents BDM and CPU accesses to non-volatile memory (Flash and/or
EEPROM) other than allowing erasure. For more information please see Section 7.4.1, “Security”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com