công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 279 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 279 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 275Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 276Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 277Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 278Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 279Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 280Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 281Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 282Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1324 page
background image
Chapter 7 Background Debug Module (S12XBDMV2)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
279
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
7.1.2.3
Low-Power Modes
The BDM can be used until all bus masters (e.g., CPU or XGATE or others depending on which masters
are available on the SOC) are in stop mode. When CPU is in a low power mode (wait or stop mode) all
BDM firmware commands as well as the hardware BACKGROUND command can not be used
respectively are ignored. In this case the CPU can not enter BDM active mode, and only hardware read and
write commands are available. Also the CPU can not enter a low power mode during BDM active mode.
If all bus masters are in stop mode, the BDM clocks are stopped as well. When BDM clocks are disabled
and one of the bus masters exits from stop mode the BDM clocks will restart and BDM will have a soft
reset (clearing the instruction register, any command in progress and disable the ACK function). The BDM
is now ready to receive a new command.
7.1.3
Block Diagram
A block diagram of the BDM is shown in Figure 7-1.
Figure 7-1. BDM Block Diagram
7.2
External Signal Description
A single-wire interface pin called the background debug interface (BKGD) pin is used to communicate
with the BDM system. During reset, this pin is a mode select input which selects between normal and
special modes of operation. After reset, this pin becomes the dedicated serial interface pin for the
background debug mode.
ENBDM
CLKSW
BDMACT
TRACE
SDV
16-Bit Shift Register
BKGD
Host
System
Serial
Interface
Data
Control
UNSEC
Register Block
Register
BDMSTS
Instruction Code
and
Execution
Standard BDM Firmware
LOOKUP TABLE
Secured BDM Firmware
LOOKUP TABLE
Bus Interface
and
Control Logic
Address
Data
Control
Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com