công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 216 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 212Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 213Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 214Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 215Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 217Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 218Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 219Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
216
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
3.4.2.5.1
System XSRAM
System XSRAM has two ways to be accessed by the CPU. One is by the programming of RPAGE and the
fixed XSRAM areas configured by the values of ROMHM, RAMHM, or by the usage of the global
instruction and the usage of GPAGE.
Figure 3-22 shows the memory map for the implemented XSRAM. The size of the implemented XSRAM
is done by the device definition and denoted by RAMSIZE.
Figure 3-22. S12XE System RAM in the Memory Map
0x7F_FFFF
0x00_0000
0x13_FFFF
0x0F_FFFF
EEPROM Area
0x00_07FF
0x3F_FFFF
RAM Area in the Memory Map
FLASH Area
REG. Area
External
Space Area
Unimplemented
RAM
RAM Area
16K RAM
8K RAM
Unimplemented
RAM
8K RAM
0x0F_FFFF
0x0F_FFFF
0x0F_C000
0x0F_A000
0x0F_E000
0x00_0800
0x00_0800
ROMHM = 1 RAMHM = 0
ROMHM = 0 RAMHM = X
ROMHM = 1 RAMHM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com