công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 212 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 208Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 209Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 210Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 211Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 212Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 213Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 214Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 215Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
212
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
3.4.2.4
XGATE Memory Map Scheme
3.4.2.4.1
Expansion of the XGATE Local Address Map
The XGATE 64 Kbyte memory space allows access to internal resources only (Registers, RAM, and
FLASH). The 2 Kilobyte register address range is the same register address range as for the CPU and the
BDM module (see Table 3-18).
XGATE can access the FLASH in single chip modes, even when the MCU is secured. In expanded modes,
XGATE can not access the FLASH when MCU is secured.
The local address of the XGATE RAM access is translated to the global RAM address range. The XGATE
shares the RAM resource with the CPU and the BDM module (see Table 3-18).
XGATE RAM size (XGRAMSIZE) may be lower or equal to the MCU RAM size (RAMSIZE).In case of
XGATE RAM size less than 32 Kbytes (see Figure 3-20), the gap in the xgate local memory map will
result in an illegal RAM access (see Section 3.4.3.1, “Illegal XGATE Accesses)
The local address of the XGATE FLASH access is always translated to the global address 0x78_0800 -
0x78_7FFF.
Example 3-3. is a general example of the XGATE memory map implementation.
Example 3-3.
The MCU FLASHSIZE is 64 Kbytes (0x10000) and MCU RAMSIZE is 32 Kbytes (0x8000).
The XGATE RAMSIZE is 16 Kbytes (0x4000).
The space occupied by the XGATE RAM in the global address space will be:
Bottom address: (0x10_0000 minus 0x4000) = 0x0F_C000
Top address: 0x0F_FFFF
XGATE accesses to local address range 0x0800–0x7FFF will result always in accesses to the
following FLASH block in the global address space:
Bottom address: 0x78_0800
Top address: 0x78_7FFF
The gap range in the local memory map 0x8000–0xBFFF will be translated in the global address
space:
0x0F_8000 - 0x0F_BFFF (illegal xgate access to system RAM).
Table 3-18. XGATE Implemented Memory Space
Internal Resource
$Address
XGATE RAM
XGRAM_LOW = 0x0F_0000 plus (0x1_0000 minus XGRAMSIZE)(1)
1. XGRAMSIZE is the hexadecimal value of XGATE RAM SIZE in bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com