công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 209 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 205Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 206Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 207Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 208Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 209Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 210Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 211Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 212Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
209
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Figure 3-18. BDMGPR Address Mapping
3.4.2.3
Implemented Memory Map
The global memory spaces reserved for the internal resources (RAM, EEE, and FLASH) are not
determined by the MMC module. Size of the individual internal resources are however fixed in the design
of the device cannot be changed by the user. Please refer to the Device User Guide for further details.
Figure 3-19 and Table 3-17 show the memory spaces occupied by the on-chip resources. Please note that
the memory spaces have fixed top addresses.
When the device is operating in expanded modes except emulation single-chip mode, accesses to global
addresses which are not occupied by the on-chip resources (unimplemented areas or external memory
space) result in accesses to the external bus (see Figure 3-19).
Table 3-17. Global Implemented Memory Space
Internal Resource
$Address
RAM
RAM_LOW = 0x10_0000 minus RAMSIZE(1)
1. RAMSIZE is the hexadecimal value of RAM SIZE in bytes
FLASH
FLASH_LOW = 0x80_0000 minus FLASHSIZE(2)
2. FLASHSIZE is the hexadecimal value of FLASH SIZE in bytes
Bit16
Bit0
Bit15
Bit22
BDM Local Address
BDMGPR Register [6:0]
Global Address [22:0]
Bit16
Bit0
Bit15
Bit22
CPU Local Address
BDMGPR Register [6:0]
Global Address [22:0]
BDM HARDWARE COMMAND
BDM FIRMWARE COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com