công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 214 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 210Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 211Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 212Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 213Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 214Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 215Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 217Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
214
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
3.4.2.5
Memory Configuration
Two bits in the MMCCTL1 register (ROMHM, RAMHM) configure the mapping of the local address
(0x4000-0x7FFF) in the global memory map.
ROMHM, RAMHM are write once in normal and emulation modes and anytime in special modes.
Three areas are identified (See Figure 3-21):
•
Program FLASH (0x7F_4000-0x7F_7FFF) when ROMHM = 0.
•
External Space (0x14_4000-0x14_7FFF) when ROMHM = 1 and RAMHM = 0.
•
XSRAM Space (0x0F_C000-0x0F_FFFF) when ROMHM = 1 and RAMHM = 1.
Table 3-19 shows the translation from the local memory map to the global memory map taking in
consideration the different configurations of ROMHM and RAMHM.
Table 3-20 describes the application note of the RAM configuration and its dedicated global address.
Table 3-19. ROMHM and RAMHM Address Location
Local Address
ROMHM
RAMHM
Global Address
Location
0x4000 - 0x7FFF
0
X
0x7F_4000 - 0x7F_7FFF
Internal Flash
1
0
0x14_4000 - 0x14_7FFF
External Space
11
0x0F_C000 - 0x0F_FFFF
Bottom of the Implemented RAM
0x2000 - 0x3FFF
0x0F_A000 - 0x0F_BFFF
Fixed up to 8K RAM
0x2000 - 0x3FFF
1
0
0x0F_E000 - 0x0F_FFFF
Fixed up to 8K RAM
Table 3-20. RAM Configuration
phase
RPAGE
ROMHM
RAMHM
RAM AREA
Global Address
After reset
RPAGE = 0xFD
(Reset value)
0
0
12 Kilobytes
0x0F_D000 - 0x0F_FFFF
During setup
RPAGE = 0xFD
(Reset value)
1
1
24 Kilobytes
0x0F_A000 - 0x0F_FFFF
Normal Operation
(0x00 <= RPAGE <= 0xF9)
1
1
28 Kilobytes
0x00_0000 - 0x0F_9FFF
(0xFA <= RPAGE <= 0xFF)
1
1
24 Kilobytes
0x0F_A000 - 0x0F_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com