công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 220 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 217Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 218Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 219Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 220Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 221Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 222Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 223Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
220
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
in the memory map. This is to make sure that the correct PPAGE value will be present on stack at the time
of the RTC instruction execution.
3.5.2
Port Replacement Registers (PRRs)
Registers used for emulation purposes must be rebuilt by the in-circuit emulator hardware to achieve full
emulation of single chip mode operation. These registers are called port replacement registers (PRRs) (see
Table 1-25). PRRs are accessible from CPU, BDM and XGATE using different access types (word
aligned, word-misaligned and byte).
Each access to PRRs will be extended to 2 bus cycles for write or read accesses independent of the
operating mode. In emulation modes all write operations result in simultaneous writing to the internal
registers (peripheral access) and to the emulated registers (external access) located in the PRU in the
emulator. All read operations are performed from external registers (external access) in emulation modes.
In all other modes the read operations are performed from the internal registers (peripheral access).
Due to internal visibility of CPU accesses the CPU will be halted during XGATE or BDM access to any
PRR. This rule applies also in normal modes to ensure that operation of the device is the same as in
emulation modes.
A summary of PRR accesses:
•
An aligned word access to a PRR will take 2 bus cycles.
•
A misaligned word access to a PRRs will take 4 cycles. If one of the two bytes accessed by the
misaligned word access is not a PRR, the access will take only 3 cycles.
•
A byte access to a PRR will take 2 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com