công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 219 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 219 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 215Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 216Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 217Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 218Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 219Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 220Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 221Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 222Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
219
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
called can be located anywhere in the local address space or in any Flash or ROM page visible through the
program page window. The CALL instruction calculates and stacks a return address, stacks the current
PPAGE value and writes a new instruction-supplied value to the PPAGE register. The PPAGE value
controls which of the 256 possible pages is visible through the 16 Kbyte program page window in the
64 Kbyte local CPU memory map. Execution then begins at the address of the called subroutine.
During the execution of the CALL instruction, the CPU performs the following steps:
1. Writes the current PPAGE value into an internal temporary register and writes the new instruction-
supplied PPAGE value into the PPAGE register
2. Calculates the address of the next instruction after the CALL instruction (the return address) and
pushes this 16-bit value onto the stack
3. Pushes the temporarily stored PPAGE value onto the stack
4. Calculates the effective address of the subroutine, refills the queue and begins execution at the new
address
This sequence is uninterruptable. There is no need to inhibit interrupts during the CALL instruction
execution. A CALL instruction can be performed from any address to any other address in the local CPU
memory space.
The PPAGE value supplied by the instruction is part of the effective address of the CPU. For all addressing
mode variations (except indexed-indirect modes) the new page value is provided by an immediate operand
in the instruction. In indexed-indirect variations of the CALL instruction a pointer specifies memory
locations where the new page value and the address of the called subroutine are stored. Using indirect
addressing for both the new page value and the address within the page allows usage of values calculated
at run time rather than immediate values that must be known at the time of assembly.
The RTC instruction terminates subroutines invoked by a CALL instruction. The RTC instruction unstacks
the PPAGE value and the return address and refills the queue. Execution resumes with the next instruction
after the CALL instruction.
During the execution of an RTC instruction the CPU performs the following steps:
1. Pulls the previously stored PPAGE value from the stack
2. Pulls the 16-bit return address from the stack and loads it into the PC
3. Writes the PPAGE value into the PPAGE register
4. Refills the queue and resumes execution at the return address
This sequence is uninterruptable. The RTC can be executed from anywhere in the local CPU memory
space.
The CALL and RTC instructions behave like JSR and RTS instruction, they however require more
execution cycles. Usage of JSR/RTS instructions is therefore recommended when possible and
CALL/RTC instructions should only be used when needed. The JSR and RTS instructions can be used to
access subroutines that are already present in the local CPU memory map (i.e. in the same page in the
program memory page window for example). However calling a function located in a different page
requires usage of the CALL instruction. The function must be terminated by the RTC instruction. Because
the RTC instruction restores contents of the PPAGE register from the stack, functions terminated with the
RTC instruction must be called using the CALL instruction even when the correct page is already present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com