công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 98 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 98 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 94Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 95Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 96Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 97Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 98Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 99Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 100Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 101Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
98
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7.1
Coin cell battery backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below the VIN
threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic is powered by the voltage applied to LICELL. The
supply for internal logic and the VSNVS rail switches over to the LICELL pin when VIN goes below VTL1 or VTL0, even in the absence of
a voltage at the LICELL pin, resulting in clearing of memory and turning off of VSNVS. When system operation below VTL1 is required,
for systems not utilizing a coin cell, connect the LICELL pin to any system voltage between 1.8 V and 3.0 V. A small capacitor should be
placed from LICELL to ground under all circumstances.
6.4.7.1.1
Coin cell charger control
The coin cell charger circuit functions as a current-limited voltage source, resulting in the CC/CV taper characteristic typically used for
rechargeable Lithium-Ion batteries. The coin cell charger is enabled via the COINCHEN bit while the coin cell voltage is programmable
through the VCOIN[2:0] bits on register COINCTL on Table 113. The coin cell charger voltage is programmable. In the on state, the
charger current is fixed at ICOINHI. In Sleep and Standby modes, the charger current is reduced to a typical 10
μA. In the off state, coin
cell charging is not available as the main battery could be depleted unnecessarily. The coin cell charging stops when VIN is below UVDET.
VSNVS AC and transient (continued)
VSNVSLOTR
Transient load response
• VSNVSVOLT[2:0] = 110
• 3.1 V (UVDETL)< VIN ≤ 4.5 V
• ISNVS = 75 to 750 μA
• VSNVSVOLT[2:0] = 000 to 101
• 2.45 V < VIN ≤ 4.5 V
• VTL0 > VIN, 1.8 V
≤ VCOIN ≤ 3.3 V
• ISNVS = 40 to 400 μA
• Refer to Figure 31
2.8
–
–
1.0
–
2.0
V
%
VSNVS DC, switch
VINSNVS
Operating input voltage
• Valid coin cell range
1.8
–
3.3
V
ISNVS
Operating load current
5.0
–
400
μA
RDSONSNVS
Internal switch RDS(on)
• VCOIN = 2.6 V
–
–
100
Ω
VTL1
VIN threshold (VIN powered to coin cell powered)
• VSNVSVOLT[2:0] = 110
2.725
2.90
3.00
V
(80)
VTH1
VIN threshold (coin cell powered to VIN powered)
• VSNVSVOLT[2:0] = 110
2.775
2.95
3.1
V
Notes
77.
For 1.8 V ISNVS limited to 100 μA for VCOIN < 2.1 V
78.
The start-up of VSNVS is not monotonic. It first rises to 1.0 V and then settles to its programmed value within the specified tr1 time.
79.
From coin cell insertion to VSNVS =1.0 V, the delay time is typically 400 ms.
80.
During crossover from VIN to LICELL, the VSNVS output voltage may drop to 2.7 V before going to the LICELL voltage. Though this is outside
the specified DC voltage level for the VDD_SNVS_IN pin of the i.MX 6, this momentary drop does not cause any malfunction. The i.MX 6’s RTC
continues to operate through the transition, and as a worst case it may switch to the internal RC oscillator for a few clock cycles before switching
back to the external crystal oscillator.
Table 111. VSNVS electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless otherwise
noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com