công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 25 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 25 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 21Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 22Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 23Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 24Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 25Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 26Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 27Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 28Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
NXP Semiconductors
25
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.3.1.1
External components
6.3.2
VREFDDR voltage reference
VREFDDR is an internal PMOS half supply voltage follower capable of supplying up to 10 mA. The output voltage is at one half the input
voltage. Its typically used as the reference voltage for DDR memories. A filtered resistor divider is utilized to create a low frequency pole.
This divider then utilizes a voltage follower to drive the load.
Figure 7. VREFDDR block diagram
Table 18. Core voltages electrical specifications(32)
TMIN to TMAX (See Table 3), VIN = 2.8 V to 4.5 V, LICELL = 1.8 V to 3.3 V, and typical external component values. Typical values are
characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VCOREDIG (digital core supply)
VCOREDIG
Output voltage
• ON mode
• Coin cell mode and OFF
–
–
1.5
1.3
–
–
V
(31)
—
VCORE (analog core supply)
VCORE
Output voltage
• ON mode and charging
• OFF and coin cell mode
–
–
2.775
0.0
–
–
V
(31)
—
VCOREREF (bandgap / regulator reference)
VCOREREF
Output voltage
–
1.2
–
V
(31)
VCOREREFACC
Absolute accuracy
–
0.5
–
%
VCOREREFTACC
Temperature drift
–
0.25
–
%
Notes
31.
3.0 V < VIN < 4.5 V, no external loading on VCOREDIG, VCORE, or VCOREREF. Extended operation down to UVDET, but no system malfunction.
32.
For information only.
Table 19. External components for core voltages
Regulator
Capacitor value (
μF)
VCOREDIG
1.0
VCORE
1.0
VCOREREF
0.22
VINREFDDR
VREFDDR
VINREFDDR
CHALF1
Discharge
+
_
VHALF
VREFDDR
CHALF2
100 nf
100 nf
CREFDDR
1.0 uf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com