công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 38 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 38 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 34Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 35Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 36Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 37Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 38Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 39Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 40Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 41Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
38
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.3
SW1A/B/C
SW1/A/B/C are 2.5 A to 4.5 A buck regulators which can be configured in various phasing schemes, depending on the desired cost/
performance trade-offs. The following configurations are available:
• SW1A/B/C single phase with one inductor
• SW1A/B as a single phase with one inductor and SW1C in independent mode with one inductor
• SW1A/B as a dual phase with two inductors and SW1C in independent mode with one inductor
The desired configuration is programmed by OTP by using SW1_CONFIG[1:0] bits in the register map Table 137. Extended page 1, page
111, as shown in Table 40.
.
6.4.4.3.1
SW1A/B/C single phase
In this configuration, all phases A, B, and C, are connected together to a single inductor, thus, providing up to 4.50 A current capability for
high current applications. The feedback and all other controls are accomplished by use of pin SW1CFB and SW1C control registers,
respectively. Figure 11 shows the connection for SW1A/B/C in single phase mode.
During single phase mode operation, all three phases use the same configuration for frequency, phase, and DVS speed set in
SW1CCONF register. However, the same configuration settings for frequency, phase, and DVS speed setting on SW1AB registers should
be used. The SW1FB pin should be left floating in this configuration.
SW3A
SW3A_PWRSTG[2:0]
ISW3AMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25
SW3B
SW3B_PWRSTG[2:0]
ISW3BMAX
0
0
1
40%
0.5
0
1
1
80%
1.0
1
0
1
60%
0.75
1
1
1
100%
1.25
SW4
SW4_PWRSTG[2:0]
ISW4MAX
0
0
1
50%
0.5
0
1
1
75%
0.75
1
0
1
75%
0.75
1
1
1
100%
1.0
Table 40. SW1 configuration
SW1_CONFIG[1:0]
Description
00
A/B/C single phase
01
A/B single phase, C independent mode
10
A/B dual phase, C independent mode
11
Reserved
Table 39. Programmable current configuration (continued)
Regulators
Control bits
% of power stages enabled
Rated current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com