công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 45Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 46Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 47Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 48Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 49Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 50Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 51Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 52Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
NXP Semiconductors
49
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1C (independent)
VINSW1C
Operating input voltage
2.8
–
4.5
V
VSW1C
Nominal output voltage
–
Table 41
–V
VSW1CACC
Output voltage accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW1C < 2.0 A
• 0.625 V
≤ VSW1C ≤ 1.450 V
• 1.475 V
≤ VSW1C ≤ 1.875 V
• PFM, steady state 2.8 V < VIN < 4.5 V, 0 < ISW1C < 50 mA
• 0.625 V < VSW1C < 0.675 V
• 0.7 V < VSW1C < 0.85 V
• 0.875 V < VSW1C < 1.875 V
-25
-3.0%
-65
-45
-3.0%
–
–
–
–
–
25
3.0%
65
45
3.0%
mV
ISW1C
Rated output load current
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW1C < 1.875 V
–
–
2000
mA
ISW1CLIM
Current limiter peak current detection
• Current through inductor
• SW1CILIM = 0
• SW1CILIM = 1
2.6
1.95
4.0
3.0
5.2
3.9
A
(45)
—
VSW1COSH
Start-up overshoot
• ISW1C = 0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW1C = 4.5 V, VSW1C = 1.875 V
––
66
mV
tONSW1C
Turn-on time
• Enable to 90% of end value
• ISW1C = 0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW1C = 4.5 V, VSW1C = 1.875 V
–
–
500
µs
fSW1C
Switching frequency
• SW1CFREQ[1:0] = 00
• SW1CFREQ[1:0] = 01
• SW1CFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
ηSW1C
Efficiency
•VIN = 3.6 V, fSW1C = 2.0 MHz, LSW1C = 1.0 μH
• PFM, 0.9 V, 1.0 mA
• PFM, 1.2 V, 50 mA
• APS, PWM, 1.2 V, 400 mA
• APS, PWM, 1.2 V, 600 mA
• APS, PWM, 1.2 V, 1000 mA
• APS, PWM, 1.2 V, 2000 mA
–
–
–
–
–
–
77
78
86
84
78
65
–
–
–
–
–
–
%
ΔVSW1C
Output ripple
–
10
–
mV
VSW1CLIR
Line regulation (APS, PWM)
–
–
20
mV
VSW1CLOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW1CLOTR
Transient load regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW1CQ
Quiescent current
• PFM mode
• APS mode
–
–
22
145
–
–
µA
Table 54. SW1A/B/C electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA,
SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com