công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 32 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 32 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 28Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 29Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 30Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 31Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 32Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 33Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 34Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 35Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
32
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.3
Power tree
The PF0100 PMIC features six buck regulators, one boost regulator, six general purpose LDOs, one switch/LDO combination, and a DDR
voltage reference to supply voltages for the application processor and peripheral devices. The buck regulators as well as the boost
regulator are supplied directly from the main input supply (VIN). The inputs to all of the buck regulators must be tied to VIN, whether they
are powered on or off. The six general use LDO regulators are directly supplied from the main input supply or from the switching regulators
depending on the application requirements. Since VREFDDR is intended to provide DDR memory reference voltage, it should be supplied
by any rail supplying voltage to DDR memories; the typical application recommends the use of SW3 as the input supply for VREFDDR.
VSNVS is supplied by either the main input supply or the coin cell. Refer to Table 28 for a summary of all power supplies provided by the
PF0100.
Figure 9 shows a simplified power map with various recommended options to supply the different block within the PF0100, as well as the
typical application voltage domain on the i.MX 6X processor. Note that each application power tree is dependent upon the system’s voltage
and current requirements, therefore a proper input voltage should be selected for the regulators.
The minimum operating voltage for the main VIN supply is 2.8 V, for lower voltages proper operation is not guaranteed. However at initial
power up, the input voltage must surpass the rising UVDET threshold before proper operation is guaranteed. Refer to the representative
tables and text specifying each supply for information on performance metrics and operating ranges. Table 29 summarizes the UVDET
thresholds.
Table 28. Power tree summary
Supply
Output voltage (V)
Step size (mV)
Maximum load current (mA)
SW1A/B
0.3 - 1.875
25
2500
SW1C
0.3 - 1.875
25
2000
SW2
0.4 - 3.3
25/50
2000 (43)
SW3A/B
0.4 - 3.3
25/50
1250 (42)
SW4
0.5*SW3A_OUT, 0.4 - 3.3
25/50
1000
SWBST
5.00/5.05/5.10/5.15
50
600
VGEN1
0.80 – 1.55
50
100
VGEN2
0.80 – 1.55
50
250
VGEN3
1.8 – 3.3
100
100
VGEN4
1.8 – 3.3
100
350
VGEN5
1.8 – 3.3
100
100
VGEN6
1.8 – 3.3
100
200
VSNVS
1.0 - 3.0
NA
0.4
VREFDDR
0.5*SW3A_OUT
NA
10
Notes
42.
Current rating per independent phase, when SW3A/B is set in single or dual phase, current capability is up
to 2500 mA.
43.
SW2 capable of 2500 mA in NP, F9, and FA Industrial versions only (ANES suffix)
Table 29. UVDET threshold
UVDET threshold
VIN
Rising
3.1 V
Falling
2.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com