công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 61 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 61 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 57Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 58Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 59Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 60Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 61Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 62Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 63Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 64Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 136 page
background image
NXP Semiconductors
61
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4.7
SW3A - SW3B independent outputs
SW3A and SW3B can be configured as independent outputs as shown in Figure 23, providing flexibility for applications requiring more
voltage rails with less current capability. Each output is configured and controlled independently by its respective I2C registers as shown
in Table 66.
Figure 23. SW3A/B independent output block diagram
6.4.4.4.8
SW3A/B Setup and Control Registers
SW3A/B output voltage is programmable from 0.400 V to 3.300 V; however, bit SW3x[6] in register SW3xVOLT is read-only during normal
operation. Its value is determined by the default configuration, or may be changed by using the OTP registers. Therefore, once SW3x[6]
is set to “0”, the output is limited to the lower output voltages from 0.40 V to 1.975 V with 25 mV increments, as determined by bits
SW3x[5:0]. Likewise, once bit SW3x[6] is set to "1", the output voltage is limited to the higher output voltage range from 0.800 V to 3.300 V
with 50 mV increments, as determined by bits SW3x[5:0].
In order to optimize the performance of the regulator, it is recommended only voltages from 2.00 V to 3.300 V be used in the high range
and the lower range be used for voltages from 0.400 V to 1.975 V.
The output voltage set point is independently programmed for normal, standby, and sleep mode by setting the SW3x[5:0],
SW3xSTBY[5:0], and SW3xOFF[5:0] bits respectively; however, the initial state of the SW3x[6] bit is copied into the SW3xSTBY[6] and
SW3xOFF[6] bits. Therefore, the output voltage range remains the same on all three operating modes. Table 65 shows the output voltage
coding valid for SW3x.
Note: Voltage set points of 0.6 V and below are not supported.
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW3AIN
SW3ALX
SW3AFB
ISENSE
COSW3A
CINSW3A
LSW3A
I2C
Interface
SW3A
SW3AMODE
SW3AFAULT
VREF
DAC
I2C
VIN
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW3BIN
SW3BLX
SW3BFB
ISENSE
COSW3B
CINSW3B
LSW3B
EP
SW3B
SW3BMODE
SW3BFAULT
VREF
DAC
I2C
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com