công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 30Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 31Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 32Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 33Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 34Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 35Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 36Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 37Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 136 page
background image
34
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4
Buck regulators
Each buck regulator is capable of operating in PFM, APS, and PWM switching modes.
6.4.4.1
Current limit
Each buck regulator has a programmable current limit. In an overcurrent condition, the current is limited cycle-by-cycle. If the current limit
condition persists for more than 8.0 ms, a fault interrupt is generated.
6.4.4.2
General control
To improve system efficiency the buck regulators can operate in different switching modes. Changing between switching modes can occur
by any of the following means: I2C programming, exiting/entering the Standby mode, exiting/entering Sleep mode, and load current
variation. Available switching modes for buck regulators are presented in Table 30.
During soft-start of the buck regulators, the controller transitions through the PFM, APS, and PWM switching modes. 3.0 ms (typical) after
the output voltage reaches regulation, the controller transitions to the selected switching mode. Depending on the particular switching
mode selected, additional ripple may be observed on the output voltage rail as the controller transitions between switching modes.
Table 31 summarizes the buck regulator programmability for normal and standby modes.
Table 30. Switching mode description
Mode
Description
OFF
The regulator is switched off and the output voltage is discharged.
PFM
In this mode, the regulator is always in PFM mode, which is useful at light loads for optimized efficiency.
PWM
In this mode, the regulator is always in PWM mode operation regardless of load conditions.
APS
In this mode, the regulator moves automatically between pulse skipping mode and PWM mode
depending on load conditions.
Table 31. Regulator mode control
SWxMODE[3:0]
Normal mode
Standby mode
0000
Off
Off
0001
PWM
Off
0010
Reserved
Reserved
0011
PFM
Off
0100
APS
Off
0101
PWM
PWM
0110
PWM
APS
0111
Reserved
Reserved
1000
APS
APS
1001
Reserved
Reserved
1010
Reserved
Reserved
1011
Reserved
Reserved
1100
APS
PFM
1101
PWM
PFM
1110
Reserved
Reserved
1111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com