công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 97 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 97 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 93Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 94Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 95Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 96Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 97Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 98Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 99Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 100Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
NXP Semiconductors
97
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VSNVS DC, LDO
VSNVS
Output voltage
•5.0
μA < ISNVS < 400 μA (OFF)
• 3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
• VTL0/VTH < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5.0
μA < ISNVS < 400 μA (ON)
• 3.20 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
• UVDET < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
•5
.0 μA < ISNVS < 400 μA (Coin Cell mode)
• 2.84 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = 110
• 1.8 V < VCOIN < 3.3 V, VSNVSVOLT[2:0] = [000] - [101]
-5.0%
-8.0%
-5.0%
-4.0%
VCOIN-0.04
-8.0%
3.0
1.0 - 1.8
3.0
1.0 - 1.8
–
1.0 - 1.8
7.0%
7.0%
5.0%
4.0%
VCOIN
7.0%
V
(77)
VSNVSDROP
Dropout voltage
• VIN = VCOIN = 2.85 V, VSNVSVOLT[2:0] = 110, ISNVS = 400 μA
–
–
50
mV
ISNVSLIM
Current limit
• MMPF0100
• VIN > VTH1, VSNVSVOLT[2:0] = 110
• VIN > VTH0, VSNVSVOLT[2:0] = 000 to 101
• VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
• MMPF0100A
• VIN > VTH1, VSNVSVOLT[2:0] = 110
• VIN > VTH0, VSNVSVOLT[2:0] = 000 to 101
• VIN < VTL0, VSNVSVOLT[2:0] = 000 to 101
750
500
480
1100
500
480
–
–
–
–
–
–
5900
5900
3600
6750
6750
4500
μA
VTH0
VIN Threshold (coin cell powered to VIN powered) VIN going high with
valid coin cell
• VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
2.25
2.40
2.55
V
VTL0
VIN threshold (VIN powered to coin cell powered) VIN going low with
valid coin cell
• VSNVSVOLT[2:0] = 000, 001, 010, 011, 100, 101
2.20
2.35
2.50
V
VHYST1
VIN threshold hysteresis for VTH1-VTL1
5.0
–
–
mV
VHYST0
VIN threshold hysteresis for VTH0-VTL0
5.0
–
–
mV
VSNVSCROSS
Output voltage during crossover
• VSNVSVOLT[2:0] = 110
• VCOIN > 2.9 V
• Switch to LDO: VIN > 2.825 V, ISNVS = 100 μA
• LDO to Switch: VIN < 3.05 V, ISNVS = 100 μA
2.7
–
–
V
(80)
VSNVS AC and transient
tONSNVS
Turn-on time (load capacitor, 0.47
μF)
• VIN > UVDET to 90% of VSNVS
• VCOIN = 0.0 V, ISNVS = 5.0 μA
• VSNVSVOLT[2:0] = 000 to 110
–
–
24
ms
(78),(79)
VSNVSOSH
Start-up overshoot
• VSNVSVOLT[2:0] = 000 to 110
• ISNVS = 5.0 μA
• dVIN/dt = 50 mV/μs
–40
70
mV
VSNVSLITR
Transient line response ISNVS = 75% of ISNVSMAX
• 3.2 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
• 2.45 V < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
–
–
32
22
–
–
mV
Table 111. VSNVS electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, typical external component values,
unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS = 3.0 V, ISNVS = 5.0 μA, and 25 °C, unless otherwise
noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com