công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 101 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 101 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 97Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 98Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 99Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 100Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 101Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 102Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 103Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 104Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 136 page
background image
NXP Semiconductors
101
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.5.3
Interrupt handling
The system is informed about important events based on interrupts. Unmasked interrupt events are signaled to the processor by driving
the INTB pin low.
Each interrupt is latched so even if the interrupt source becomes inactive, the interrupt remains set until cleared. Each interrupt can be
cleared by writing a “1” to the appropriate bit in the Interrupt Status register; this also causes the INTB pin to go high. If there are multiple
interrupt bits set the INTB pin remains low until all are either masked or cleared. If a new interrupt occurs while the processor clears an
existing interrupt bit, the INTB pin remains low.
Each interrupt can be masked by setting the corresponding mask bit to a 1. As a result, when a masked interrupt bit goes high, the INTB
pin does not go low. A masked interrupt can still be read from the Interrupt Status register. This gives the processor the option of polling
for status from the IC. The IC powers up with all interrupts masked, so the processor must initially poll the device to determine if any
interrupts are active. Alternatively, the processor can unmask the interrupt bits of interest. If a masked interrupt bit was already high, the
INTB pin goes low after unmasking.
The sense registers contain status and input sense bits so the system processor can poll the current state of interrupt sources. They are
read only, and not latched or clearable.
Interrupts generated by external events are debounced; therefore, the event needs to be stable throughout the debounce period before
an interrupt is generated. Nominal debounce periods for each event are documented in the INT summary Table 116. Due to the
asynchronous nature of the debounce timer, the effective debounce time can vary slightly.
6.5.4
Interrupt bit summary
Table 116 summarizes all interrupt, mask, and sense bits associated with INTB control. For more detailed behavioral descriptions, refer
to the related chapters.
Table 116. Interrupt, mask and sense bits
Interrupt
Mask
Sense
Purpose
Trigger
Debounce time (ms)
LOWVINI
LOWVINM
LOWVINS
Low input voltage detect
Sense is 1 if below 2.80 V threshold
H to L
3.9(82)
PWRONI
PWRONM
PWRONS
Power on button event
H to L
31.25(82)
Sense is 1 if PWRON is high.
L to H
31.25
THERM110
THERM110M
THERM110S
Thermal 110 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM120
THERM120M
THERM120S
Thermal 120 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM125
THERM125M
THERM125S
Thermal 125 °C threshold
Sense is 1 if above threshold
Dual
3.9
THERM130
THERM130M
THERM130S
Thermal 130 °C threshold
Sense is 1 if above threshold
Dual
3.9
SW1AFAULTI
SW1AFAULTM
SW1AFAULTS
Regulator 1A overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW1BFAULTI
SW1BFAULTM
SW1BFAULTS
Regulator 1B overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW1CFAULTI
SW1CFAULTM
SW1CFAULTS
Regulator 1C overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW2FAULTI
SW2FAULTM
SW2FAULTS
Regulator 2 overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW3AFAULTI
SW3AFAULTM
SW3AFAULTS
Regulator 3A overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW3BFAULTI
SW3BFAULTM
SW3BFAULTS
Regulator 3B overcurrent limit
Sense is 1 if above current limit
L to H
8.0
SW4FAULTI
SW4FAULTM
SW4FAULTS
Regulator 4 overcurrent limit
Sense is 1 if above current limit
L to H
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com