công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 70 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 70 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 66Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 67Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 68Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 69Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 70Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 71Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 72Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
70
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 25. SW3AB efficiency waveforms: VIN = 4.2 V; VOUT = 1.5 V; extended industrial version
6.4.4.5
SW4
SW4 is a 1.0 A rated single phase buck regulator capable of operating in two modes. In its default mode, it operates as a normal buck
regulator with a programmable output between 0.400 V and 3.300 V. It is capable of operating in the three available switching modes:
PFM, APS, and PWM, described on Table 30 and configured by the SW4MODE[3:0] bits, as shown in Table 31.
If the system requires DDR memory termination, SW4 can be used in its VTT mode. In the VTT mode, its reference voltage tracks the
output voltage of SW3A, scaled by 0.5. Furthermore, when in VTT mode, only the PWM switching mode is allowed. The VTT mode can
be configured by use of VTT bit in the OTP_SW4_CONFIG register.
Figure 26 shows the block diagram and the external component connections for the SW4 regulator.
Figure 26. SW4 block diagram
6.4.4.5.1
SW4 setup and control registers
To set the SW4 in regulator or VTT mode, bit VTT of the register OTP_SW4_CONF register in Table 137. Extended page 1, page 111, is
programmed during OTP or TBB configuration; setting bit VTT to “1” enables SW4 to operate in VTT mode and “0” in regulator mode. See
6.1.2 One time programmability (OTP), page 21 for detailed information on OTP configuration.
In regulator mode, the SW4 output voltage is programmable from 0.400 V to 3.300 V; however, bit SW4[6] in the SW4VOLT register is
read-only during normal operation. Its value is determined by the default configuration, or may be changed by using the OTP registers.
Once SW4[6] is set to “0”, the output is limited to the lower output voltages, from 0.400 V to 1.975 V with 25 mV increments, as determined
by the SW4[5:0] bits. Likewise, once the SW4[6] bit is set to "1", the output voltage is limited to the higher output voltage range from 0.800 V
to 3.300 V with 50 mV increments, as determined by the SW4[5:0] bits.
To optimize the performance of the regulator, it is recommended only voltages from 2.000 V to 3.300 V be used in the high range and the
lower range be used for voltages from 0.400 V to 1.975 V.
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW4IN
SW4LX
SW4FB
ISENSE
COSW4
CINSW4
LSW4
I2C
Interface
EP
SW4
SW4MODE
SW4FAULT
VREF
DAC
I2C
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com