công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 76 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 76 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 72Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 77Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
76
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 27. SW4 efficiency waveforms: VIN = 4.2 V; VOUT = 1.8 V; consumer version
Switch mode supply SW4 (continued)
VSW4LIR
Line regulation (APS, PWM)
–
–
20
mV
VSW4LOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW4LOTR
Transient load regulation
• Transient load = 0.0 mA to 500 mA, di/dt = 100 mA/
μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW4Q
Quiescent current
• PFM mode
• APS mode
–
–
22
145
–
–
µA
RONSW4P
SW4 P-MOSFET RDS(on)
• at VIN = VINSW4 = 3.3 V
–
236
274
m
Ω
RONSW4N
SW4 N-MOSFET RDS(on)
• at VIN = VINSW4 = 3.3 V
–
293
378
m
Ω
ISW4PQ
SW4 P-MOSFET leakage current
• VIN = VINSW4 = 4.5 V
––
6.0
µA
ISW4NQ
SW4 N-MOSFET leakage current
• VIN = VINSW4 = 4.5 V
––
2.0
µA
RSW4DIS
Discharge resistance
–
600
–
Ω
Notes
59.
When output is set to > 2.6 V the output follows the input down when VIN gets near 2.8 V.
60.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW4 - VSW4) = ISW4* (DCR of inductor +RONSW4P + PCB trace resistance).
Table 87. SW4 electrical characteristics (continued)
All
parameters
are
specified
at
TMIN to TMAX (See Table 3), VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA, SW4_PWRSTG[2:0] = [101],
and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com