công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 52 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 52 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 48Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 49Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 50Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 51Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 52Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 53Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 54Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 55Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
52
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4
SW2
SW2 is a single phase, 2.0 A rated buck regulator (2.5 A in NP, F9, and FA Industrial versions only (ANES suffix)). Table 30 describes the
modes, and Table 31 show the options for the SWxMODE[3:0] bits. Figure 18 shows the block diagram and the external component
connections for SW2 regulator.
Figure 18. SW2 block diagram
6.4.4.4.1
SW2 setup and control registers
SW2 output voltage is programmable from 0.400 V to 3.300 V; however, bit SW2[6] in register SW2VOLT is read-only during normal
operation. Its value is determined by the default configuration, or may be changed by using the OTP registers. Therefore, once SW2[6] is
set to “0”, the output is limited to the lower output voltages from 0.400 V to 1.975 V with 25 mV increments, as determined by bits SW2[5:0].
Likewise, once bit SW2[6] is set to “1”, the output voltage is limited to the higher output voltage range from 0.800 V to 3.300 V with 50 mV
increments, as determined by bits SW2[5:0].
In order to optimize the performance of the regulator, it is recommended only voltages from 2.000 V to 3.300 V be used in the high range,
and the lower range be used for voltages from 0.400 V to 1.975 V.
The output voltage set point is independently programmed for normal, standby, and sleep mode by setting the SW2[5:0], SW2STBY[5:0]
and SW2OFF[5:0] bits, respectively. However, the initial state of bit SW2[6] are copied into bits SW2STBY[6], and SW2OFF[6] bits.
Therefore, the output voltage range remains the same in all three operating modes. Table 55 shows the output voltage coding valid for
SW2.
Note: Voltage set points of 0.6 V and below are not supported.
Table 55. SW2 output voltage configuration
Low output voltage range(47)
High output voltage range
Set point
SW2[6:0]
SW2 output
Set point
SW2[6:0]
SW2 output
0
0000000
0.4000
64
1000000
0.8000
1
0000001
0.4250
65
1000001
0.8500
2
0000010
0.4500
66
1000010
0.9000
3
0000011
0.4750
67
1000011
0.9500
4
0000100
0.5000
68
1000100
1.0000
5
0000101
0.5250
69
1000101
1.0500
6
0000110
0.5500
70
1000110
1.1000
7
0000111
0.5750
71
1000111
1.1500
8
0001000
0.6000
72
1001000
1.2000
9
0001001
0.6250
73
1001001
1.2500
10
0001010
0.6500
74
1001010
1.3000
11
0001011
0.6750
75
1001011
1.3500
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW2IN
SW2LX
SW2FB
ISENSE
COSW2
CINSW2
LSW2
I2C
Interface
EP
SW2
SW2MODE
SW2FAULT
VREF
DAC
I2C
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com