công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 95 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 95 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 91Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 92Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 93Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 94Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 95Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 96Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 97Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 98Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
NXP Semiconductors
95
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7
VSNVS LDO/switch
VSNVS powers the low-power, SNVS/RTC domain on the processor. It derives its power from either VIN, or coin cell, and cannot be
disabled. When powered by both, VIN takes precedence when above the appropriate comparator threshold. When powered by VIN,
VSNVS is an LDO capable of supplying seven voltages: 3.0, 1.8, 1.5, 1.3, 1.2, 1.1, and 1.0 V. The bits VSNVSVOLT[2:0] in register
VSNVS_CONTROL determine the output voltage. When powered by coin cell, VSNVS is an LDO capable of supplying 1.8, 1.5, 1.3, 1.2,
1.1, or 1.0 V as shown in Table 108. If the 3.0 V option is chosen with the coin cell, VSNVS tracks the coin cell voltage by means of a
switch, whose maximum resistance is 100
Ω. In this case, the VSNVS voltage is simply the coin cell voltage minus the voltage drop across
the switch, which is 40 mV at a rated maximum load current of 400
μA.
The default setting of the VSNVSVOLT[2:0] is 110, or 3.0 V, unless programmed otherwise in OTP. However, when the coin cell is applied
for the very first time, VSNVS outputs 1.0 V. Only when VIN is applied thereafter does VSNVS transition to its default, or programmed
value if different. Upon subsequent removal of VIN, with the coin cell attached, VSNVS changes configuration from an LDO to a switch for
the “110” setting, and remains as an LDO for the other settings, continuing to output the same voltages as when VIN is applied, providing
certain conditions are met as described in Table 108.
Figure 32. VSNVS supply switch architecture
Table 108 provides a summary of the VSNVS operation at different input voltage VIN and with or without coin cell connected to the system.
VGEN6 AC and transient (continued)
VGEN6LITR
Transient line response
• IGEN6 = 150 mA
• VIN3INITIAL = 2.8 V to VIN3FINAL = 3.3 V for VGEN6[3:0] = 0000
to 0111
• VIN3INITIAL = VGEN6+0.3 V to VIN3FINAL = VGEN6+0.8 V for
VGEN6[3:0] = 1000 to 1111
• Refer to Figure 31
–5.0
8.0
mV
Notes
74.
When the LDO output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
75.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN3MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 107. VGEN6 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111,
IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
LDO\
PF0100
VSNVS
Coin Cell
1.8 - 3.3 V
VIN
2.25 V (VTL0) -
4.5 V
LICELL
Charger
LDO/SWITCH
VREF
+
_
Z
Input
Sense/
Selector
I
2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com