công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 89 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 89 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 85Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 86Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 87Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 88Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 89Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 90Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 91Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 92Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 136 page
background image
NXP Semiconductors
89
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN3 AC and transient
PSRRVGEN3
PSRR
•IGEN3 = 75 mA, 20 Hz to 20 kHz
• VGEN3[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
• VGEN3[3:0] = 0000 - 1000, VIN2 = VGEN3NOM + 1.0 V
35
55
40
60
–
–
dB
(69)
NOISEVGEN3
Output noise density
•VIN2 = VIN2MIN, IGEN3 = 75 mA
• 100 Hz – <1.0 kHz
• 1.0 kHz – <10 kHz
• 10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN3
Turn-on slew rate
• 10% to 90% of end value
•VIN2MIN ≤ VIN2 ≤ 3.6 V, IGEN3 = 0.0 mA
• VGEN3[3:0] = 0000 to 0011
• VGEN3[3:0] = 0100 to 0111
• VGEN3[3:0] = 1000 to 1011
• VGEN3[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs
GEN3tON
Turn-on time
• Enable to 90% of end value, VIN2 = VIN2MIN, 3.6 V
• IGEN3 = 0.0 mA
60
–
500
μs
GEN3tOFF
Turn-off time
• Disable to 10% of initial value, VIN2 = VIN2MIN
• IGEN3 = 0.0 mA
––
10
ms
GEN3OSHT
Start-up overshoot
• VIN2 = VIN2MIN, 3.6 V, IGEN3 = 0.0 mA
–1.0
2.0
%
VGEN3LOTR
Transient load response
• VIN2 = VIN2MIN, 3.6 V
• IGEN3 = 10 to 100 mA in 1.0μs
• Peak of overshoot or undershoot of VGEN3 with respect to final
value. Refer to Figure 31
––
3.0
%
VGEN3LITR
Transient line response
• IGEN3 = 75 mA
• VIN2INITIAL = 2.8 V to VIN2FINAL = 3.3 V for GEN3[3:0] = 0000 to
0111
• VIN2INITIAL = VGEN3+0.3 V to VIN2FINAL = VGEN3+0.8 V for
VGEN3[3:0] = 1000 to 1010
• VIN2INITIAL = VGEN3+0.25 V to VIN2FINAL = 3.6 V for VGEN3[3:0]
= 1011 to 1111
• Refer to Figure 31
–5.0
8.0
mV
Notes
68.
When the LDO output voltage is set above 2.6 V, the minimum allowed input voltage needs to be at least the output voltage plus 0.25 V, for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
69.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN2MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 104. VGEN3 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111, IGEN3 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN3[3:0] = 1111,
IGEN3 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com