công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 77 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 77 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 77Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 80Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
NXP Semiconductors
77
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 28. SW4 efficiency waveforms: VIN = 4.2 V; VOUT = 1.8 V; extended industrial version
6.4.5
Boost regulator
SWBST is a boost regulator with a programmable output from 5.0 V to 5.15 V. SWBST can supply the VUSB regulator for the USB PHY
in OTG mode, as well as the VBUS voltage. Note that the parasitic leakage path for a boost regulator causes the SWBSTOUT and
SWBSTFB voltage to be a Schottky drop below the input voltage whenever SWBST is disabled. The switching NMOS transistor is
integrated on-chip. Figure 29 shows the block diagram and component connection for the boost regulator.
Figure 29. Boost regulator architecture
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM
SWBSTLX
VOBST
Driver
Controller
EA
Z1
Z2
Internal
Compensation
I2C
Interface
SWBSTMODE
VREFUV
VREF
EP
VIN
LBST
CINBST
DBST
SWBSTFB
RSENSE
SC
VREFSC
SWBSTFAULT
OC
UV
COSWBST
SWBSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com