công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 85 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 85 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 81Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 82Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 83Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 84Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 85Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 86Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 87Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 88Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 136 page
background image
NXP Semiconductors
85
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5
LDO specifications
6.4.6.5.1
VGEN1
Table 102. VGEN1 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111,
IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN1
VIN1
Operating input voltage
1.75
–
3.40
V
VGEN1NOM Nominal output voltage
–
Table 92
–V
IGEN1
Operating load current
0.0
–
100
mA
VGEN1 DC
VGEN1TOL
Output voltage tolerance
• 1.75 V < VIN1 < 3.4 V
• 0.0 mA < IGEN1 < 100 mA
• VGEN1[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN1LOR
Load regulation
• (VGEN1 at IGEN1 = 100 mA) - (VGEN1 at IGEN1 = 0.0 mA)
• For any 1.75 V < VIN1 < 3.4 V
–0.15
–
mV/mA
VGEN1LIR
Line regulation
• (VGEN1 at VIN1 = 3.4 V) - (VGEN1 at VIN1 = 1.75 V)
• For any 0.0 mA < IGEN1 < 100 mA
–0.30
–
mV/mA
IGEN1LIM
Current limit
• IGEN1 when VGEN1 is forced to VGEN1NOM/2
122
167
200
mA
IGEN1OCP
Overcurrent protection threshold
• IGEN1 required to cause the SCP function to disable LDO when
REGSCPEN = 1
115
–
200
mA
IGEN1Q
Quiescent current
• No load, change in IVIN and IVIN1
• When VGEN1 enabled
–14–
μA
VGEN1 AC and transient
PSRRVGEN1
PSRR
•IGEN1 = 75 mA, 20 Hz to 20 kHz
• VGEN1[3:0] = 0000 - 1101
• VGEN1[3:0] = 1110, 1111
50
37
60
45
–
–
dB
(66)
NOISEVGEN1
Output noise density
• VIN1 = 1.75 V, IGEN1 = 75 mA
• 100 Hz – <1.0 kHz
• 1.0 kHz – <10 kHz
• 10 kHz – 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
√Hz
SLWRVGEN1
Turn-on slew rate
• 10% to 90% of end value
• 1.75 V
≤ VIN1 ≤ 3.4 V, IGEN1 = 0.0 mA
• VGEN1[3:0] = 0000 to 0111
• VGEN1[3:0] = 1000 to 1111
–
–
–
–
12.5
16.5
mV
/μs
GEN1tON
Turn-on time
• Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
• IGEN1 = 0.0 mA
60
–
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com