công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 79 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 79 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 77Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 80Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 81Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 82Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 136 page
background image
NXP Semiconductors
79
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.5.3
SWBST specifications
Table 90. SWBST Electrical Specifications
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, typical external
component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at VIN = VINSWBST = 3.6 V, VSWBST = 5.0 V,
ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
Switch mode supply SWBST
VINSWBST
Input voltage range
2.8
–
4.5
V
VSWBST
Nominal output voltage
–
Table 88
–V
VSWBSTACC
Output voltage accuracy
• 2.8 V
≤ VIN ≤ 4.5 V
• 0 < ISWBST < ISWBSTMAX
-4.0
–
3.0
%
ΔVSWBST
Output ripple
• 2.8 V
≤ VIN ≤ 4.5 V
• 0 < ISWBST < ISWBSTMAX, excluding reverse recovery of
Schottky diode
–
–
120
mV Vp-p
VSWBSTLOR
DC load regulation
• 0 < ISWBST < ISWBSTMAX
–0.5
–
mV/mA
VSWBSTLIR
DC line regulation
• 2.8 V
≤ VIN ≤ 4.5 V, ISWBST = ISWBSTMAX
–
50
–
mV
ISWBST
Continuous load current
• 2.8 V
≤ VIN ≤ 3.0 V
• 3.0 V
≤ VIN ≤ 4.5 V
–
–
–
–
500
600
mA
ISWBSTQ
Quiescent current
• Auto
–
222
289
μA
RDSONBST
MOSFET on resistance
–
206
306
m
Ω
ISWBSTLIM
Peak current limit
1400
2200
3200
mA
(63)
VSWBSTOSH
Start-up overshoot
• ISWBST = 0.0 mA
–
–
500
mV
VSWBSTTR
Transient load response
• ISWBST from 1.0 mA to 100 mA in 1.0 µs
• Maximum transient amplitude
–
–
300
mV
VSWBSTTR
Transient load response
• ISWBST from 100 mA to 1.0 mA in 1.0 µs
• Maximum transient amplitude
–
–
300
mV
tSWBSTTR
Transient load response
• ISWBST from 1.0 mA to 100 mA in 1.0 µs
• Time to settle 80% of transient
–
–
500
µs
tSWBSTTR
Transient load response
• ISWBST from 100 mA to 1.0 mA in 1.0 µs
• Time to settle 80% of transient
––
20
ms
ISWBSTHSQ
NMOS Off leakage
• SWBSTIN = 4.5 V, SWBSTMODE [1:0] = 00
–1.0
5.0
µA
tONSWBST
Turn-on time
• Enable to 90% of VSWBST, ISWBST = 0.0 mA
––
2.0
ms
fSWBST
Switching frequency
–
2.0
–
MHz
ηSWBST
Efficiency
• ISWBST = ISWBSTMAX
–86
–
%
Notes
63.
Only in auto mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com